Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4466C Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4466C
Description  INTERCHANGEABLE WALL PLUG POWER SUPPLY 24VDC 18WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4466C Datasheet(HTML) 1 Page - TT Electronics.

  SW4466C Datasheet HTML 1Page - TT Electronics. SW4466C Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERCHANGEABLE WALL PLUG
POWER SUPPLY 24VDC 18WATT
STONTRONICS: SW4466C
© TT Electronics plc
ISS.3 23/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Interchangeable AC Heads
•
1 Year Warranty
•
Level VI Efficiency
•
Worldwide Approvals
Description:
The Stontronics range of 18 Watt Interchangeable wall plug power supplies provide 18 Watts of continuous power with
the flexibility of worldwide usage as they are supplied with UK, Euro, Auz & USA AC Heads , all Efficiency Level VI and carry
worldwide safety approvals.
Specification
Part Code
SW4466C
Input Voltage Range
90-264 Vac
Input Frequency Range
50/60Hz +/- 3Hz
Input Current Rated
0.5A max.
Input AC Heads
UK, Euro, Auz & USA
Output Voltage Rating
+24V
Output Current Range
0.75A
Output Min Current
0A
Output Connection Type
2.1x5.5x12mm centre positive – Straight
Line and Load Regulation
+/-5%
Ripple & Noise
240mVp-p
Efficiency
85%Min
Over Voltage Protection
auto restart
Over Load Protection
auto restart
Operating Temperature
0°C to +40°C
Storage Temperature
-20°C to +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Hi-Pot
3000VAC 5mA 1min
Leakage Current
<0.25mA max
Safety Standard
UL,CSA,GS,CE,UK,SAA
EMI Standard
FCC part 15: Class B
EN 55032, Class B, GB9254, GB17625.1
MTBF
50K Hours
Size mm max.
85.5 X 39.78 X 43.8 mm
Weight
105 g


Similar Part No. - SW4466C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4461B TTELEC-SW4461B Datasheet
337Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 6VDC 15WATT
29/05/2020
SW4463-B TTELEC-SW4463-B Datasheet
338Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 9VDC 15WATT
29/05/2020
SW4464-C2 TTELEC-SW4464-C2 Datasheet
332Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 15WATT
29/05/2020
SW4465-C TTELEC-SW4465-C Datasheet
283Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 15VDC 15WATT
07/07/2020
SW4468-B TTELEC-SW4468-B Datasheet
253Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 36WATT
23/06/2020
More results

Similar Description - SW4466C

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSX050-4000-13 TRIAD-WSX050-4000-13 Datasheet
143Kb / 1P
Wall Plug ??Ins - Interchangeable
WSX060-4000-13 TRIAD-WSX060-4000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX060-4000-R13 TRIAD-WSX060-4000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-R13 TRIAD-WSX090-2500-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-13 TRIAD-WSX120-2000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-R13 TRIAD-WSX120-2000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-13 TRIAD-WSX150-1600-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-R13 TRIAD-WSX150-1600-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-13 TRIAD-WSX180-1330-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-R13 TRIAD-WSX180-1330-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com