Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA843 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA843
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA843 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA843 Datasheet HTML 8Page - Texas Instruments OPA843 Datasheet HTML 9Page - Texas Instruments OPA843 Datasheet HTML 10Page - Texas Instruments OPA843 Datasheet HTML 11Page - Texas Instruments OPA843 Datasheet HTML 12Page - Texas Instruments OPA843 Datasheet HTML 13Page - Texas Instruments OPA843 Datasheet HTML 14Page - Texas Instruments OPA843 Datasheet HTML 15Page - Texas Instruments OPA843 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
OPA2846
SBOS274C −JUNE 2003 − REVISED AUGUST 2008
www.ti.com
12
APPLICATIONS INFORMATION
WIDEBAND, NONINVERTING OPERATION
The OPA2846
provides
a
unique
combination
of
features—low input voltage noise along with a very low
distortion output stage—to give one of the highest dynamic
range dual op amps available. Its very high Gain
Bandwidth Product (GBP) can be used either to deliver
high signal bandwidths at high gains, or to deliver very low
distortion signals at moderate frequencies and lower
gains. To achieve the full performance of the OPA2846,
careful attention to printed circuit board (PCB) layout and
component selection is required, as discussed in the
remaining sections of this data sheet.
Figure 1 shows the noninverting gain of +10 circuit used as
the basis of the Electrical Characteristics and most of the
Typical Characteristics. Most of the curves were charac-
terized using signal sources with 50
Ω driving impedance,
and with measurement equipment presenting a 50
Ω load
impedance. In Figure 1, the 50
Ω shunt resistor at the VI
terminal matches the source impedance of the test
generator, while the 50
Ω series resistor at the VO terminal
provides a matching resistor for the measurement equip-
ment load. Generally, data sheet voltage swing specifica-
tions are at the output pin (VO in Figure 1), while output
power (dBm) specifications are at the matched 50
Ω load.
The total 100
Ω load at the output, combined with the 503Ω
total feedback network load, presents the OPA2846 with
an effective output load of 83
Ω for the circuit of Figure 1.
1/2
O PA 2 846
+5V
−5V
−V
S
+V
S
50
Ω
V
O
V
I
50
Ω
0.1
µF
6.8
µF
6.8
µF
R
G
50
Ω
R
F
453
Ω
50
Ω Source
50
Ω Load
0.1
µF
Figure 1. Noninverting, G = +10 Specification and
Test Circuit
Voltage-feedback op amps, unlike current-feedback
designs, can use a wide range of resistor values to set their
gains. The circuit of Figure 1, and the specifications at
other gains, uses the constraint that RG should always be
set to 50
Ω and RF adjusted to get the desired gain.
Observing this guideline will ensure that the thermal noise
contribution of the feedback network is insignificant
compared to the 1.2nV/
√Hz input voltage noise for the op
amp itself.
WIDEBAND, INVERTING GAIN OPERATION
Operating the OPA2846 as an inverting amplifier has
several benefits and is particularly appropriate when a
matched input impedance is required. Figure 2 shows the
inverting gain circuit used as the basis of the inverting
mode Typical Characteristics.
1/2
O P A 2846
+5V
−5V
+V
S
−V
S
91
Ω
50
Ω
V
O
V
I
6.8
µF
0.1
µF
6.8
µF
0.1
µF
0.1
µF
R
F
1k
Ω
R
G
50
Ω
50
Ω Source
50
Ω Load
Figure 2. Inverting, G = −20 Characterization
Circuit
Driving this circuit from a 50
Ω source, and constraining the
gain resistor (RG) to equal 50Ω, will give both a signal
bandwidth and noise advantage. RG acts as both the input
termination resistor and the gain setting resistor for the
circuit. Although the signal gain (VO/VI) for the circuit of
Figure 2 is double that for Figure 1, the noise gains are in
fact equal when the 50
Ω source resistor is included. This
has the interesting effect of doubling the equivalent GBP
of the amplifier. This can be seen in comparing the G = +10
and G = −20 small-signal frequency response curves. Both
show approximately 250MHz bandwidth, but the inverting
configuration of Figure 2 gives 6dB higher signal gain. If
the signal source is actually the low impedance output of
another amplifier, RG should be increased to the minimum
load resistance value allowed for that amplifier and RF
should be adjusted to achieve the desired gain. For stable
operation of the OPA2846, it is critical that this driving
amplifier show a very low output impedance at frequencies
beyond the expected closed-loop bandwidth for the
OPA2846.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com