Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA875 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA875
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA875 Datasheet(HTML) 2 Page - Texas Instruments

  OPA875 Datasheet HTML 1Page - Texas Instruments OPA875 Datasheet HTML 2Page - Texas Instruments OPA875 Datasheet HTML 3Page - Texas Instruments OPA875 Datasheet HTML 4Page - Texas Instruments OPA875 Datasheet HTML 5Page - Texas Instruments OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
OUT_R
OUT_G
OUT_B
V-
V-
SEL
EN
R0
G0
B0
GND
GND
R1
G1
B1
SSOP-16
x2
x2
x2
OPA3875
TopView
SSOP
OPA3875
SBOS341D – DECEMBER 2006 – REVISED AUGUST 2008 ............................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA3875IDBQ
Rails, 75
OPA3875
SSOP-16
DBQ
–45°C to +85°C
OP3875
OPA3875IDBQR
Tape and Reel, 2500
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating temperature range, unless otherwise noted.
OPA3875
UNIT
Power Supply
±6.5
V
Internal Power Dissipation
See Thermal Analysis
Input Voltage Range
±VS
V
Storage Temperature Range
–65 to +125
°C
Lead Temperature (soldering, 10s)
+260
°C
Operating Junction Temperature
+150
°C
Continuous Operating Junction Temperature
+140
°C
ESD Rating:
Human Body Model (HBM)
2000
V
Charge Device Model (CDM)
1500
V
Machine Model (MM)
200
V
PIN CONFIGURATION
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com