Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA341UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA341UA/2K5
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ™ Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA341UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  OPA341UA/2K5 Datasheet HTML 1Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 2Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SINGLE-SUPPLY, RAIL-TO-RAIL
OPERATIONAL AMPLIFIER WITH SHUTDOWN
micro
Amplifier ™ Series
FEATURES
q RAIL-TO-RAIL INPUT AND OUTPUT SWING
q MicroSIZE PACKAGES
q BANDWIDTH: 5.5MHz
q SLEW RATE: 6V/
µs
q QUIESCENT CURRENT: 750
µA/Chan
q POWER SHUTDOWN MODE
APPLICATIONS
q SENSOR BIASING
q SIGNAL CONDITIONING
q DATA ACQUISITION
q PROCESS CONTROL
q ACTIVE FILTERS
q TEST EQUIPMENT
DESCRIPTION
The OPA341 series rail-to-rail CMOS operational amplifiers
are designed for low-cost, miniature applications. They are
optimized for low-voltage, single-supply operation. Rail-to-rail
input and output and high-speed operation make them ideal for
driving sampling Analog-to-Digital (A/D) converters.
The power-saving shutdown feature makes the OPA341
ideal for portable low-power applications. The OPA341
series is also well suited for general-purpose and audio
applications as well as providing I/V conversion at the
output of Digital-to-Analog (D/A) converters. Single and
dual versions have identical specifications for design flex-
ibility.
The OPA341 series operate on a single supply as low as 2.5V,
and input common-mode voltage range extends 300mV beyond
the supply rails. Output voltage swings to within 1mV of the
supply rails with a 100k
Ω load. The OPA341 series offers
excellent dynamic response (BW = 5.5MHz, SR = 6V/
µs) with
a quiescent current of only 750
µA. The dual design features
completely independent circuitry for lowest crosstalk and free-
dom from interaction.
The single (OPA341) packages are the tiny SOT23-6 surface
mount and SO-8 surface mount. The dual (OPA2341) comes
in the miniature MSOP-10 surface mount. All are specified
from –55
°C to +125°C and operate from –55°C to +150°C.
The OPA343 provides similar performance without shut-
down capability.
OPA341
OPA2341
SBOS202A – AUGUST 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
6
5
4
V+
SD
–In
Out
V–
+In
OPA341
SOT23-6 (N)
1
2
3
4
8
7
6
5
SD
V+
Out
NC
NC
–In
+In
V–
OPA341
SO-8 (U)
1
2
3
4
5
10
9
8
7
6
V+
Out B
–In B
+In B
SD B
Out A
–In A
+In A
V–
SD A
OPA2341
MSOP-10 (DGS)
OPA341
OPA2
341


Similar Part No. - OPA341UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA341UA/2K5 BURR-BROWN-OPA341UA/2K5 Datasheet
236Kb / 13P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA341UA/2K5 BURR-BROWN-OPA341UA/2K5 Datasheet
409Kb / 15P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
logo
Texas Instruments
OPA341UA/2K5 TI1-OPA341UA/2K5 Datasheet
784Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - OPA341UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA341 BURR-BROWN-OPA341 Datasheet
236Kb / 13P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA341 BURR-BROWN-OPA341_08 Datasheet
409Kb / 15P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
logo
Texas Instruments
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA341 TI1-OPA341 Datasheet
784Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com