Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA541AP Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA541AP
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541AP Datasheet(HTML) 5 Page - Texas Instruments

  OPA541AP Datasheet HTML 1Page - Texas Instruments OPA541AP Datasheet HTML 2Page - Texas Instruments OPA541AP Datasheet HTML 3Page - Texas Instruments OPA541AP Datasheet HTML 4Page - Texas Instruments OPA541AP Datasheet HTML 5Page - Texas Instruments OPA541AP Datasheet HTML 6Page - Texas Instruments OPA541AP Datasheet HTML 7Page - Texas Instruments OPA541AP Datasheet HTML 8Page - Texas Instruments OPA541AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
OPA541
www.ti.com
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
6.5 Electrical Characteristics
At TC= 25°C and VS = ±35 VDC, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT OFFSET VOLTAGE
OPA541AM/AP
±2
±10
Input offset voltage
mV
OPA541BM/SM
±0.1
±1
Specified
temperature
OPA541AM/AP
±20
±40
VOS
vs temperature
range
µV/°C
OPA541BM/SM
±15
±30
VS = ±10 V to
±VMAX
vs supply voltage
±2.5
±10
µV/V
OPA541AM/AP,
OPA541BM/SM
vs power
±20
±60
µV/W
IB
Input bias current
4
50
pA
±1
±30
pA
IOS
Input offset current
Specified temperature range
5
nA
INPUT CHARACTERISTICS
Common-mode voltage
Specified temperature range
±(|VS| – 6)
±(|VS| – 3)
V
range
Common-mode rejection
VCM = (|±VS| – 6 V)
95
113
dB
Input capacitance
5
pF
Input impedance, DC
1
T
Ω
GAIN CHARACTERISTICS
Open-loop gain at 10 Hz
RL = 6 Ω
90
97
dB
Gain-bandwidth product
1.6
MHz
OUTPUT
IO = 5 A, continuous
±(|VS| – 5.5)
±(|VS| – 4.5)
Voltage swing
IO = 2 A
±(|VS| – 4.5)
±(|VS| – 3.6)
V
IO = 0.5 A
±(|VS| – 4)
±(|VS| – 3.2)
Peak current
9
10
A
AC PERFORMANCE
Slew rate
6
10
V/µs
Power bandwidth
RL = 8 Ω, VO = 20 Vrms
45
55
kHz
Settling time to 0.1%
2-V Step
2
µs
Specified temperature range, G = 1
3.3
Capacitive load
nF
Specified temperature range, G > 10
SOA(1)
Phase margin
Specified temperature range, RL = 8 Ω
40
°C
±VS
Power supply voltage
Specified temperature range
±10
±30
±35
V
Quiescent current
20
25
mA
AM, BM, AP
–25
85
TCASE
Temperature range
°C
OPA541BM/SM
–55
125
(1)
SOA is the Safe Operating Area shown in Figure 11.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com