Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA342NA/3K Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA342NA/3K
Description  Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA342NA/3K Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA342NA/3K Datasheet HTML 6Page - Texas Instruments OPA342NA/3K Datasheet HTML 7Page - Texas Instruments OPA342NA/3K Datasheet HTML 8Page - Texas Instruments OPA342NA/3K Datasheet HTML 9Page - Texas Instruments OPA342NA/3K Datasheet HTML 10Page - Texas Instruments OPA342NA/3K Datasheet HTML 11Page - Texas Instruments OPA342NA/3K Datasheet HTML 12Page - Texas Instruments OPA342NA/3K Datasheet HTML 13Page - Texas Instruments OPA342NA/3K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OPA342, 2342, 4342
10
SBOS106A
Overshoot vs Capacitive Load.” In unity-gain configura-
tions, capacitive load drive can be improved by inserting a
small (10
Ω to 20Ω) resistor, R
S, in series with the output, as
shown in Figure 5. This significantly reduces ringing while
maintaining dc performance for purely capacitive loads.
However, if there is a resistive load in parallel with the
capacitive load, a voltage divider is created, introducing a dc
error at the output and slightly reducing the output swing.
The error introduced is proportional to the ratio RS/RL, and
is generally negligible.
FIGURE 6. OPA342 in Noninverting Configuration Driving ADS7822.
FIGURE 7. Speech Bandpass Filtered Data Acquisition System.
DRIVING A/D CONVERTERS
The OPA342 series op amps are optimized for driving
medium-speed sampling ADCs. The OPA342 op amps buffer
the ADC’s input capacitance and resulting charge injection
while providing signal gain.
Figures 6 shows the OPA342 in a basic noninverting con-
figuration driving the ADS7822. The ADS7822 is a 12-bit,
micro-power sampling converter in the MSOP-8 package.
When used with the low-power, miniature packages of the
OPA342, the combination is ideal for space-limited, low-
power applications. In this configuration, an RC network at
the ADC’s input can be used to filter charge injection.
Figure 7 shows the OPA2342 driving an ADS7822 in a
speech bandpass filtered data acquisition system. This small,
low-cost solution provides the necessary amplification and
signal conditioning to interface directly with an electret
microphone. This circuit will operate with VS = +2.7V to
+5V with less than 500
µA quiescent current.
FIGURE 5. Series Resistor in Unity-Gain Configuration
Improves Capacitive Load Drive.
10
Ω to
20
Ω
OPA342
V+
V
IN
V
OUT
R
S
R
L
C
L
C
3
33pF
V+
GND
3
1
8
4
5
6
7
–IN
+IN
2
C
2
DCLOCK
Serial
Interface
1000pF
R
1
1.5k
Ω
R
4
20k
Ω
R
5
20k
Ω
R
6
100k
Ω
R
8
150k
Ω
R
9
510k
Ω
R
7
51k
Ω
D
OUT
V
REF
V+ = +2.7V to 5V
CS/SHDN
C1
1000pF
Electret
Microphone(1)
G = 100
Passband 300Hz to 3kHz
R
3
1M
Ω
R
2
1M
Ω
NOTE: (1) Electret microphone
powered by R
1.
ADS7822
12-Bit A/D
1/2
OPA2342
1/2
OPA2342
ADS7822
12-Bit A/D
DCLOCK
D
OUT
CS/SHDN
OPA342
+5V
V
IN
V+
2
+In
3
–In
V
REF
8
4
GND
Serial
Interface
1
0.1
µF
0.1
µF
7
6
5
NOTE: A/D Input = 0 to V
REF
V
IN = 0V to 5V for
0V to 5V output.
RC network filters high frequency noise.
500
Ω
3300pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com