Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656/7 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA656/7
Description  Precision, High-Speed Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656/7 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA656/7 Datasheet HTML 8Page - Texas Instruments OPA656/7 Datasheet HTML 9Page - Texas Instruments OPA656/7 Datasheet HTML 10Page - Texas Instruments OPA656/7 Datasheet HTML 11Page - Texas Instruments OPA656/7 Datasheet HTML 12Page - Texas Instruments OPA656/7 Datasheet HTML 13Page - Texas Instruments OPA656/7 Datasheet HTML 14Page - Texas Instruments OPA656/7 Datasheet HTML 15Page - Texas Instruments OPA656/7 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
OPA380
OPA2380
SBOS291G − NOVEMBER 2003 − REVISED SEPTEMBER 2007
www.ti.com
12
TRANSIMPEDANCE BANDWIDTH AND
NOISE
Limiting the gain set by RF can decrease the noise
occurring at the output of the transimpedance circuit.
However, all required gain should occur in the
transimpedance stage, since adding gain after the
transimpedance amplifier generally produces poorer
noise
performance.
The
noise
spectral
density
produced by RF increases with the square-root of RF,
whereas the signal increases linearly. Therefore,
signal-to-noise ratio is improved when all the required
gain is placed in the transimpedance stage.
Total noise increases with increased bandwidth. Limit
the circuit bandwidth to only that required. Use a
capacitor, CF, across the feedback resistor, RF, to limit
bandwidth, even if not required for stability if total output
noise is a concern.
Figure 6a shows the transimpedance circuit without any
feedback capacitor. The resulting transimpedance gain
of this circuit is shown in Figure 7. The –3dB point is
approximately 10MHz. Adding a 16pF feedback
capacitor (Figure 6b) will limit the bandwidth and result
in a –3dB point at approximately 1MHz (see Figure 7).
Output noise will be further reduced by adding a filter
(RFILTER and CFILTER) to create a second pole (Figure
6c). This second pole is placed within the feedback loop
to maintain the amplifier’s low output impedance. (If the
pole was placed outside the feedback loop, an
additional buffer would be required and would
inadvertently increase noise and dc error).
Using RDIODE to represent the equivalent diode
resistance, and CTOT for equivalent diode capacitance
plus OPA380 input capacitance, the noise zero, fZ, is
calculated by:
f
Z
+
R
DIODE ) RF
2
pR
DIODERF CTOT ) CF
OPA380
V
OUT
V
BIAS
R
F =10kΩ
(a)
λ
C
STRAY = 0.2pF
C
F =16pF
OPA380
V
OUT
V
BIAS
R
F = 10kΩ
(b)
λ
C
STRAY = 0.2pF
V
OUT
C
FILTER
= 796pF
R
FILTER
= 100
Ω
C
F = 21pF
OPA380
V
BIAS
R
F =10kΩ
(c)
λ
C
STRAY =0.2pF
Figure 6. Transimpedance Circuit Configurations
with Varying Total and Integrated Noise Gain
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com