Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA832IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA832IDBVT
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA832IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA832IDBVT Datasheet HTML 9Page - Texas Instruments OPA832IDBVT Datasheet HTML 10Page - Texas Instruments OPA832IDBVT Datasheet HTML 11Page - Texas Instruments OPA832IDBVT Datasheet HTML 12Page - Texas Instruments OPA832IDBVT Datasheet HTML 13Page - Texas Instruments OPA832IDBVT Datasheet HTML 14Page - Texas Instruments OPA832IDBVT Datasheet HTML 15Page - Texas Instruments OPA832IDBVT Datasheet HTML 16Page - Texas Instruments OPA832IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
13
TYPICAL CHARACTERISTICS: VS = +3.3V (continued)
At TA = 25°C, G = +2, and RL = 150Ω to VCM = 0.75V, unless otherwise noted (see Figure 2).
−50
−55
−60
−65
−70
−75
−80
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
1k
G= +2V/V
V
O =1VPP
f=5MHz
3rd−Harmonic
2nd−Harmonic
−40
−50
−60
−70
−80
−90
−100
−110
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1110
20
3rd−Harmonic
2nd−Harmonic
G= +2V/V
R
L =500Ω
V
O =1VPP
−40
−50
−60
−70
−80
−90
−100
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V)
0.50
0.75
1.00
1.25
1.50
3rd−Harmonic
G= +2V/V
R
L =500Ω
f= 5MHz
2nd−Harmonic
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
TWO−TONE, 3RD−ORDER
INTERMODULATION SPURIOUS
Single−Tone Load Power (dBm)
−26 −24 −22 −20 −18 −16 −14 −12 −10
−8
10MHz
5MHz
20MHz
OPA832
P
I
P
O
50
Ω
500
Ω
3.3
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
OUTPUT SWING vs LOAD RESISTANCE
R
L (Ω )
10
100
1k
G= +2V/V
V
S =+3.3V
Most Positive Output Voltage
Least Positive Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com