Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4342UA/2K5 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA4342UA/2K5
Description  Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4342UA/2K5 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4342UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA4342UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA4342UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA4342UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA4342UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA4342UA/2K5 Datasheet HTML 9Page - Texas Instruments OPA4342UA/2K5 Datasheet HTML 10Page - Texas Instruments OPA4342UA/2K5 Datasheet HTML 11Page - Texas Instruments OPA4342UA/2K5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OPA342, 2342, 4342
8
SBOS106A
APPLICATIONS INFORMATION
OPA342 series op amps are unity gain stable and can operate
on a single supply, making them highly versatile and easy to
use.
Rail-to-rail input and output swing significantly increases
dynamic range, especially in low supply applications. Figure
1 shows the input and output waveforms for the OPA342 in
unity-gain configuration. Operation is from VS = +5V with
a 10k
Ω load connected to V
S/ 2. The input is a 5Vp-p
sinusoid. Output voltage is approximately 4.997Vp-p.
Power supply pins should be by passed with 0.01
µF ceramic
capacitors.
OPERATING VOLTAGE
OPA342 series op amps are fully specified and guaranteed
from +2.7V to +5.5V. In addition, many specifications apply
from –40ºC to +85ºC. Parameters that vary significantly
with operating voltages or temperature are shown in the
Typical Performance Curves.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the OPA342
series extends 300mV beyond the supply rails. This is
achieved with a complementary input stage—an N-channel
input differential pair in parallel with a P-channel differen-
tial pair (see Figure 2). The N-channel pair is active for input
voltages close to the positive rail, typically (V+) – 1.3V to
300mV above the positive supply, while the P-channel pair
is on for inputs from 300mV below the negative supply to
approximately (V+) –1.3V. There is a small transition re-
gion, typically (V+) – 1.5V to (V+) – 1.1V, in which both
pairs are on. This 400mV transition region can vary 300mV
with process variation. Thus, the transition region (both
stages on) can range from (V+) – 1.8V to (V+) – 1.4V on the
low end, up to (V+) – 1.2V to (V+) – 0.8V on the high end.
Within the 400mV transition region PSRR, CMRR, offset
voltage, offset drift, and THD may be degraded compared to
operation outside this region. For more information on
designing with rail-to-rail input op amps, see Figure 3
“Design Optimization with Rail-to-Rail Input Op Amps.”
FIGURE 2. Simplified Schematic.
V
BIAS1
V
BIAS2
V
IN+
V
IN–
Class AB
Control
Circuitry
V
O
V–
(Ground)
V+
Reference
Current
FIGURE 1. Rail-to-Rail Input and Output.
5
µs/div
Output (inverted on scope)
Input
G = +1, VS = +5V
5V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com