Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1609APT Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1609APT
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1609APT Datasheet HTML 3Page - Texas Instruments PCM1609APT Datasheet HTML 4Page - Texas Instruments PCM1609APT Datasheet HTML 5Page - Texas Instruments PCM1609APT Datasheet HTML 6Page - Texas Instruments PCM1609APT Datasheet HTML 7Page - Texas Instruments PCM1609APT Datasheet HTML 8Page - Texas Instruments PCM1609APT Datasheet HTML 9Page - Texas Instruments PCM1609APT Datasheet HTML 10Page - Texas Instruments PCM1609APT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
www.ti.com
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
ML
36
I
Latch enable for serial control port (2)
NC
7, 8, 29
–
No connection
RST
37
I
System reset, active low (2)
SCKI
38
I
System clock input. Input frequency is one of 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, or 768 fS.
(1)
Buffered clock output. Output frequency is one of 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, or 768 fS, or
SCKO
39
O
one-half of 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, or 768 fS.
TEST
42
–
Test. This pin should be connected to DGND. (2)
VCC1
28
–
Analog power supply, 5 V
VCC2
26
–
Analog power supply, 5 V
VCC3
24
–
Analog power supply, 5 V
VCC4
22
–
Analog power supply, 5 V
VCC5
18
–
Analog power supply, 5 V
VCOM
15
O
Common voltage. This pin should be bypassed with a 10-
µF capacitor to AGND.
VDD
43
–
Digital power supply, 3.3 V
VOUT1
14
O
Voltage output of audio signal corresponding to left channel on DATA1
VOUT2
13
O
Voltage output of audio signal corresponding to right channel on DATA1
VOUT3
12
O
Voltage output of audio signal corresponding to left channel on DATA2
VOUT4
11
O
Voltage output of audio signal corresponding to right channel on DATA2
VOUT5
10
O
Voltage output of audio signal corresponding to left channel on DATA3
VOUT6
9
O
Voltage output of audio signal corresponding to right channel on DATA3
VOUT7
16
O
Voltage output of audio signal corresponding to left channel on DATA4
VOUT8
20
O
Voltage output of audio signal corresponding to right channel on DATA4
ZERO1/GPO1
1
O
Zero-data flag for VOUT1. Can also be used as GPO pin.
ZERO2/GPO2
2
O
Zero-data flag for VOUT2. Can also be used as GPO pin.
ZERO3/GPO3
3
O
Zero-data flag for VOUT3. Can also be used as GPO pin.
ZERO4/GPO4
4
O
Zero-data flag for VOUT4. Can also be used as GPO pin.
ZERO5/GPO5
5
O
Zero-data flag for VOUT5. Can also be used as GPO pin.
ZERO6/GPO6
6
O
Zero-data flag for VOUT6. Can also be used as GPO pin.
ZERO7
30
O
Zero-data flag for VOUT7
ZERO8
32
O
Zero-data flag for VOUT8
ZEROA
48
O
Zero-data flag. Logical AND of ZERO1 through ZERO8.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com