Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1723E/2K.B Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1723E/2K.B
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1723E/2K.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1723E/2K.B Datasheet HTML 3Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 4Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 5Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 6Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 7Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 8Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 9Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 10Page - Texas Instruments PCM1723E/2K.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PCM1723
7
SBAS057A
www.ti.com
FIGURE 4. System Clock Connection.
14
15
16
1
2
3
14
15
1/f
S
L_ch
R_ch
MSB
LSB
16
LRCIN (pin 4)
BCKIN (pin 6)
AUDIO DATA WORD = 16-BIT
DIN (pin 5)
1
2
3
14
15
MSB
LSB
16
18
19
20
1
2
3
18
19
MSB
LSB
20
AUDIO DATA WORD = 20-BIT
DIN (pin 5)
1
2
3
18
19
MSB
LSB
20
23
24
1
2
3
22
23
MSB
LSB
24
AUDIO DATA WORD = 24-BIT
DIN (pin 5)
1
2
3
22
23
MSB
LSB
24
FIGURE 5. Normal Data Input Timing.
1
2
3
14
15
1/f
S
L_ch
R_ch
MSB
LSB
16
LRCIN (pin 4)
BCKIN (pin 6)
AUDIO DATA WORD = 16-BIT
DIN (pin 5)
1
2
3
14
15
MSB
LSB
16
1
2
3
18
19
MSB
LSB
20
AUDIO DATA WORD = 20-BIT
DIN (pin 5)
1
2
3
18
19
MSB
LSB
20
2
1
2
1
2
1
1
2
3
22
23
MSB
LSB
24
AUDIO DATA WORD = 24-BIT
DIN (pin 5)
1
2
3
22
23
MSB
LSB
24
FIGURE 6. I2S Data Input Timing.
C
1
C
2
C
1, C2 = 10 to 33pF
27MHz Internal Master Clock
XTI
X’tal
RR
XTO
PCM1723
MCKO
Buffer
27MHz
Out
External Clock
27MHz Internal Master Clock
XTI
XTO
PCM1723
EXTERNAL CLOCK INPUT
CRYSTAL RESONATOR CONNECTION
MCKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com