Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252/ML Datasheet(PDF) 223 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 223 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 219Page - Microchip Technology LAN9252/ML Datasheet HTML 220Page - Microchip Technology LAN9252/ML Datasheet HTML 221Page - Microchip Technology LAN9252/ML Datasheet HTML 222Page - Microchip Technology LAN9252/ML Datasheet HTML 223Page - Microchip Technology LAN9252/ML Datasheet HTML 224Page - Microchip Technology LAN9252/ML Datasheet HTML 225Page - Microchip Technology LAN9252/ML Datasheet HTML 226Page - Microchip Technology LAN9252/ML Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 223
LAN9252
12.14 EtherCAT Core CSR Registers (Indirectly Addressable)
This section details the indirectly addressable EtherCAT Core CSRs, which are accessed via the directly addressable
EtherCAT CSR Interface Data Register (ECAT_CSR_DATA) and EtherCAT CSR Interface Command Register
(ECAT_CSR_CMD). For information on how to access EtherCAT registers, refer to Section 12.11, "EtherCAT CSR and
Process Data RAM Access," on page 208. The directly addressable EtherCAT registers are detailed in Section 12.13,
"EtherCAT CSR and Process Data RAM Access Registers (Directly Addressable)," on page 214.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
The read/write behavior of specific EtherCAT Core register bits may differ depending on how the register
is accessed. Each EtherCAT Core register includes “ECAT Type” and “PDI Type” columns, which provide
the bit/field type for register accesses via an EtherCAT Master Node or Process Data Interface (SPI / Host
Bus), respectively.
TABLE 12-15: ETHERCAT CORE CSR REGISTERS
Address
Register Name (Symbol)
ESC Information
0000h
Type Register
0001h
Revision Register
0002h-0003h Build Register
0004h
FMMUs Supported Register
0005h
SyncManagers Supported Register
0006h
RAM Size Register
0007h
Port Descriptor Register
0008h-0009h ESC Features Supported Register
Station Address
0010h-0011h Configured Station Register
0012h-0013h Configured Station Alias Register
Write Protection
0020h
Write Register Enable Register
0021h
Write Register Protection Register
0030h
ESC Write Register Enable Register
0031h
ESC Write Register Protection Register
Data Link Layer
0040h
ESC Reset ECAT Register
0041h
ESC Reset PDI Register
0100h-0103h ESC DL Control Register
0108h-0109h Physical Read/Write Offset Register
0110h-0111h ESC DL Status Register
Application Layer
0120h-0121h AL Control Register
0130h-0131h AL Status Register
0134h-0135h AL Status Code Register
0138h
RUN LED Override Register
0139h
Reserved
PDI (Process Data Interface)
0140h
PDI Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com