Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252/ML Datasheet(PDF) 78 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 78 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 74Page - Microchip Technology LAN9252/ML Datasheet HTML 75Page - Microchip Technology LAN9252/ML Datasheet HTML 76Page - Microchip Technology LAN9252/ML Datasheet HTML 77Page - Microchip Technology LAN9252/ML Datasheet HTML 78Page - Microchip Technology LAN9252/ML Datasheet HTML 79Page - Microchip Technology LAN9252/ML Datasheet HTML 80Page - Microchip Technology LAN9252/ML Datasheet HTML 81Page - Microchip Technology LAN9252/ML Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 329 page
background image
LAN9252
DS00001909A-page 78
 2015 Microchip Technology Inc.
9.4.5
MULTIPLEXED ADDRESSING MODE TIMING REQUIREMENTS
The following figures and tables specify the timing requirements during Multiplexed Address / Data mode. Since timing
requirements are similar across the multitude of operations (e.g. dual vs. single phase, 8 vs. 16-bit), many timing
requirements are illustrated onto the same figures and do not necessarily represent any particular functional operation.
The following should be noted for the timing specifications in this section:
• The diagrams in this section depict active-high ALEHI/ALELO, CS, RD, WR, RD_WR and ENB signals. The
polarities of these signals are selectable via the HBI ALE Polarity, HBI Chip Select Polarity, HBI Read, Read/Write
Polarity, and HBI Write, Enable Polarity bits of the PDI Configuration Register (HBI Modes), respectively. Refer to
Section 9.3, "Control Line Polarity," on page 62 for additional details.
• Qualification of the ALELO and/or ALEHI with the CS signal is selectable via the HBI ALE Qualification bit of the
PDI Configuration Register (HBI Modes). This is shown as a dashed line. Timing requirements between ALELO /
ALEHI and CS only apply when this mode is active.
• In dual phase address latching mode, the ALEHI and ALELO cycles can be in any order. ALEHI first is depicted
in solid line. ALELO first is depicted in dashed line.
• A read cycle maybe followed by followed by an address cycle, a write cycle or another read cycle. A write cycle
maybe followed by followed by a read cycle or another write cycle. These are shown in dashed line.
9.4.5.1
Read Timing Requirements
If RD and WR signaling is used, a host read cycle begins when RD is asserted with CS active. The cycle ends when RD
is de-asserted. CS maybe asserted and de-asserted along with RD but not during RD active.
Alternatively, if RD_WR and ENB signaling is used, a host read cycle begins when ENB is asserted with CS active and
RD_WR indicating a read. The cycle ends when ENB is de-asserted. CS maybe asserted and de-asserted along with
ENB but not during ENB active.
Please refer to Section 9.4.4, "Multiplexed Addressing Mode Functional Timing Diagrams," on page 68 for functional
descriptions.
FIGURE 9-21:
MULTIPLEXED ADDRESSING READ CYCLE TIMING
ALEHI
AD[7:0] input
ALELO
AD[15:8] input
ENB, RD
AD[15:8] output
AD[7:0] output
WR
CS
tadrs
tadrh
tcsale
talerd
trddh, tcsdh
taledv
trd
trddz, tcsdz
taleale
twale
trdrd
trdwr
trdale
trdale
trdcyc
RD_WR
trdwrs
trdwrh
tcsrd
trdcs
trddv, tcsdv
trdon, tcson



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com