Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252/ML Datasheet(PDF) 128 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 128 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 124Page - Microchip Technology LAN9252/ML Datasheet HTML 125Page - Microchip Technology LAN9252/ML Datasheet HTML 126Page - Microchip Technology LAN9252/ML Datasheet HTML 127Page - Microchip Technology LAN9252/ML Datasheet HTML 128Page - Microchip Technology LAN9252/ML Datasheet HTML 129Page - Microchip Technology LAN9252/ML Datasheet HTML 130Page - Microchip Technology LAN9252/ML Datasheet HTML 131Page - Microchip Technology LAN9252/ML Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 329 page
background image
LAN9252
DS00001909A-page 128
 2015 Microchip Technology Inc.
11.2.6
PHY MANAGEMENT CONTROL
The PHY Management Control block is responsible for the management functions of the PHY, including register access
and interrupt generation. A Serial Management Interface (SMI) is used to support registers as required by the IEEE
802.3 (Clause 22), as well as the vendor specific registers allowed by the specification. The SMI interface consists of
the MII Management Data (MDIO) signal and the MII Management Clock (MDC) signal. These signals allow access to
all PHY registers. Refer to Section 11.2.16, "PHY Registers," on page 142 for a list of all supported registers and register
descriptions. Non-supported registers will be read as FFFFh.
11.2.7
PHY INTERRUPTS
The PHY contains the ability to generate various interrupt events. Reading the PHY x Interrupt Source Flags Register
(PHY_INTERRUPT_SOURCE_x) shows the source of the interrupt. The PHY x Interrupt Mask Register (PHY_INTER-
RUPT_MASK_x) enables or disables each PHY interrupt.
The PHY Management Control block aggregates the enabled interrupts status into an internal signal which is sent to
the System Interrupt Controller and is reflected via the PHY A Interrupt Event (PHY_INT_A) and PHY B Interrupt Event
(PHY_INT_B) bits of the Interrupt Status Register (INT_STS). For more information on the device interrupts, refer to
Section 8.0, "System Interrupts," on page 53.
The PHY interrupt system provides two modes, a Primary interrupt mode and an Alternative interrupt mode. Both modes
will assert the internal interrupt signal sent to the System Interrupt Controller when the corresponding mask bit is set.
These modes differ only in how they de-assert the internal interrupt signal. These modes are detailed in the following
subsections.
Note:
When operating in 10BASE-T or 100BASE-TX manual modes, the Auto-MDIX crossover time can be
extended via the Extend Manual 10/100 Auto-MDIX Crossover Time bit of the PHY x EDPD NLP / Cross-
over Time / EEE Configuration Register (PHY_EDPD_CFG_x). Refer to Section 11.2.16.12, on page 159
for additional information.
When Energy Detect Power-Down is enabled, the Auto-MDIX crossover time can be extended via the
EDPD Extend Crossover bit of the PHY x EDPD NLP / Crossover Time / EEE Configuration Register
(PHY_EDPD_CFG_x). Refer to Section 11.2.16.12, on page 159 for additional information
FIGURE 11-4:
DIRECT CABLE CONNECTION VS. CROSS-OVER CABLE CONNECTION
Note:
The Primary interrupt mode is the default interrupt mode after a power-up or hard reset. The Alternative
interrupt mode requires setup after a power-up or hard reset.
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
Direct Connect Cable
RJ-45 8-pin straight-through
for 10BASE-T/100BASE-TX
signaling
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
Cross-Over Cable
RJ-45 8-pin cross-over for
10BASE-T/100BASE-TX
signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com