Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TI/ML Datasheet(PDF) 229 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 229 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 225Page - Microchip Technology LAN9252TI/ML Datasheet HTML 226Page - Microchip Technology LAN9252TI/ML Datasheet HTML 227Page - Microchip Technology LAN9252TI/ML Datasheet HTML 228Page - Microchip Technology LAN9252TI/ML Datasheet HTML 229Page - Microchip Technology LAN9252TI/ML Datasheet HTML 230Page - Microchip Technology LAN9252TI/ML Datasheet HTML 231Page - Microchip Technology LAN9252TI/ML Datasheet HTML 232Page - Microchip Technology LAN9252TI/ML Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 229
LAN9252
12.14.7
PORT DESCRIPTOR REGISTER
Offset:
0007h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:6
Port 3 Configuration
This field details the Port 3 configuration.
00:
Not implemented
01:
Not configured
10:
EBUS
11:
MII/RMII
RO
RO
00b
5:4
Port 2 Configuration
This field details the Port 2 configuration.
00:
Not implemented
01:
Not configured
10:
EBUS
11:
MII/RMII
RO
RO
11b
(3-port operation)
01b
(2-port operation)
See Section 14.0
“Chip Mode
Configuration”
3:2
Port 1 Configuration
This field details the Port 1 configuration.
00:
Not implemented
01:
Not configured
10:
EBUS
11:
MII/RMII
RO
RO
11b
1:0
Port 0 Configuration
This field details the Port 0 configuration.
00:
Not implemented
01:
Not configured
10:
EBUS
11:
MII/RMII
RO
RO
11b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com