Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TI/ML Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 6Page - Microchip Technology LAN9252TI/ML Datasheet HTML 7Page - Microchip Technology LAN9252TI/ML Datasheet HTML 8Page - Microchip Technology LAN9252TI/ML Datasheet HTML 9Page - Microchip Technology LAN9252TI/ML Datasheet HTML 10Page - Microchip Technology LAN9252TI/ML Datasheet HTML 11Page - Microchip Technology LAN9252TI/ML Datasheet HTML 12Page - Microchip Technology LAN9252TI/ML Datasheet HTML 13Page - Microchip Technology LAN9252TI/ML Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 329 page
background image
LAN9252
DS00001909A-page 10
 2015 Microchip Technology Inc.
Microcontroller Mode:
The LAN9252 communicates with the microcontroller through an SRAM-like slave interface.
The simple, yet highly functional host bus interface provides a glue-less connection to most common 8 or 16-bit micro-
processors and microcontrollers as well as 32-bit microprocessors with an 8 or 16-bit external bus.
Alternatively, the device can be accessed via SPI or Quad SPI, while also providing up to 16 inputs or outputs for general
purpose usage.
Expansion Mode:
While the device is in SPI or Quad SPI mode, a third networking port can be enabled to provide an
additional MII port. This port can be connected to an external PHY, to enable star or tree network topologies, or to
another LAN9252 to create a four port solution. This port can be configured for the upstream or downstream direction.
Digital I/O Mode:
For simple digital modules without microcontrollers, the LAN9252 can operate in Digital I/O Mode
where 16 digital signals can be controlled or monitored by the EtherCAT master. Six control signals are also provided.
Figure 2-3 provides a system level overview of each mode of operation.
FIGURE 2-3:
MODES OF OPERATION
LAN9252
Microprocessor/
Microcontroller
SPI / Quad SPI
LAN9252
Microprocessor/
Microcontroller
Host Bus Interface
Magnetics or
Fiber Xcvr
RJ45
or Fiber
Magnetics or
Fiber Xcvr
RJ45
or Fiber
Magnetics or
Fiber Xcvr
RJ45
or Fiber
Magnetics or
Fiber Xcvr
RJ45
or Fiber
Microcontroller Mode
(via Host Bus Interface)
Microcontroller Mode
(via SPI)
Digital I/Os
LAN9252
PHY
MII
LAN9252
Magnetics or
Fiber Xcvr
RJ45
or Fiber
Magnetics or
Fiber Xcvr
RJ45
or Fiber
Magnetics or
Fiber Xcvr
RJ45
or Fiber
Magnetics or
Fiber Xcvr
RJ45
or Fiber
Magnetics or
Fiber Xcvr
Digital I/O Mode
Expansion Mode
GPIOs
Microprocessor/
Microcontroller
SPI / Quad SPI
RJ45
or Fiber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com