Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TI/ML Datasheet(PDF) 238 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 238 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 234Page - Microchip Technology LAN9252TI/ML Datasheet HTML 235Page - Microchip Technology LAN9252TI/ML Datasheet HTML 236Page - Microchip Technology LAN9252TI/ML Datasheet HTML 237Page - Microchip Technology LAN9252TI/ML Datasheet HTML 238Page - Microchip Technology LAN9252TI/ML Datasheet HTML 239Page - Microchip Technology LAN9252TI/ML Datasheet HTML 240Page - Microchip Technology LAN9252TI/ML Datasheet HTML 241Page - Microchip Technology LAN9252TI/ML Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 329 page
background image
LAN9252
DS00001909A-page 238
 2015 Microchip Technology Inc.
12.14.19 ESC DL STATUS REGISTER
Offset:
0110h-0111h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:14
RESERVED
RO
RO
00b
13
Communication on Port 2
0:
No stable communication
1:
Communication established
RO
RO
0b
12
Loop Port 2
0:
Open.
1:
Closed.
RO
RO
0b
11
Communication on Port 1
0:
No stable communication
1:
Communication established
RO
RO
0b
10
Loop Port 1
0:
Open.
1:
Closed.
RO
RO
0b
9
Communication on Port 0
0:
No stable communication
1:
Communication established
RO
RO
0b
8
Loop Port 0
0:
Open.
1:
Closed.
RO
RO
0b
7
RESERVED
RO
RO
0b
6
Physical Link on Port 2
0:
No link
1:
Link detected
RO
RO
0b
5
Physical Link on Port 1
0:
No link
1:
Link detected
RO
RO
0b
4
Physical Link on Port 0
0:
No link
1:
Link detected
RO
RO
0b
3
RESERVED
RO
RO
0b
2
Enhanced Link Detection
0:
Deactivated for all ports
1:
Activated for at least one port
Note:
EEPROM value is only taken over at first EEPROM
load after power-on reset.
RO
RO
0b
(until first
EEPROM load,
then EEPROM
ADR 0000h bit 9
or 0000h[15:12])
1
PDI Watchdog Status
0:
Watchdog expired
1:
Watchdog reloaded
RO
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com