Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TI/ML Datasheet(PDF) 246 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 246 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 242Page - Microchip Technology LAN9252TI/ML Datasheet HTML 243Page - Microchip Technology LAN9252TI/ML Datasheet HTML 244Page - Microchip Technology LAN9252TI/ML Datasheet HTML 245Page - Microchip Technology LAN9252TI/ML Datasheet HTML 246Page - Microchip Technology LAN9252TI/ML Datasheet HTML 247Page - Microchip Technology LAN9252TI/ML Datasheet HTML 248Page - Microchip Technology LAN9252TI/ML Datasheet HTML 249Page - Microchip Technology LAN9252TI/ML Datasheet HTML 250Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 329 page
background image
LAN9252
DS00001909A-page 246
 2015 Microchip Technology Inc.
PDI Configuration Register: HBI Modes
Note 15:
The default value of this field can be configured via EEPROM. Refer to Section 12.8, "EEPROM Configu-
rable Registers," on page 201 for additional information.
Bits
Description
ECAT
Type
PDI
Type
Default
7
HBI ALE Qualification
Configures the HBI interface to qualify the ALEHI and ALELO
signals with the CS signal.
0:
Address input is latched with ALEHI and ALELO
1:
Address input is latched with ALEHI and ALELO only when
CS is active.
RO
RO
0b
Note 15
6
HBI Read/Write Mode
Configures the HBI interface for separate read and write signals
or direction and enable signals.
0:
Read and Write
1:
Direction and Enable
RO
RO
0b
Note 15
5
HBI Chip Select Polarity
Configures the polarity of the HBI interface chip select signal.
0:
Active Low
1:
Active High
RO
RO
0b
Note 15
4
HBI Read, Read/Write Polarity
Configures the polarity of the HBI interface read signal.
0:
Active Low Read
1:
Active High Read
Configures the polarity of the HBI interface read/write signal.
0:
Read when 1, write when 0 (R/nW)
1:
Write when 1, read when 0 (W/nR)
RO
RO
0b
Note 15
3
HBI Write, Enable Polarity
Configures the polarity of the HBI interface write signal.
0:
Active Low Write
1:
Active High Write
Configures the polarity of the HBI interface read/write signal.
0:
Active Low Enable
1:
Active High Enable
RO
RO
0b
Note 15
2
HBI ALE Polarity
Configures the polarity of the HBI interface ALEHI and ALELO
signals.
0:
Active Low Strobe (Address saved on rising edge)
1:
Active High Strobe (Address saved on falling edge)
RO
RO
0b
Note 15
1:0
RESERVED
RO
RO
00b
Note 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com