Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TI/ML Datasheet(PDF) 270 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 270 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 266Page - Microchip Technology LAN9252TI/ML Datasheet HTML 267Page - Microchip Technology LAN9252TI/ML Datasheet HTML 268Page - Microchip Technology LAN9252TI/ML Datasheet HTML 269Page - Microchip Technology LAN9252TI/ML Datasheet HTML 270Page - Microchip Technology LAN9252TI/ML Datasheet HTML 271Page - Microchip Technology LAN9252TI/ML Datasheet HTML 272Page - Microchip Technology LAN9252TI/ML Datasheet HTML 273Page - Microchip Technology LAN9252TI/ML Datasheet HTML 274Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 329 page
background image
LAN9252
DS00001909A-page 270
 2015 Microchip Technology Inc.
12.14.59.5 FMMUx Physical Start Address Register
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.59.6 FMMUx Physical Start Bit Register
12.14.59.7 FMMUx Type Register
Offset:
FMMUx Base Address +8h-9h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
Physical Start Address
(Mapped to logical start address)
R/W
RO
0000h
Offset:
FMMUx Base Address +Ah
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:3
RESERVED
Write as 0.
RO
RO
00000b
2:0
Physical Start Bit
Physical starting bit as target of logical start bit mapping (bits are
counted from least significant bit (0) to most significant bit (7)).
R/W
RO
000b
Offset:
FMMUx Base Address +Bh
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:2
RESERVED
Write as 0.
RO
RO
000000b
1
Write Access Mapping
0:
Ignore mapping for write accesses
1:
Use mapping for write accesses
R/W
RO
0b
0
Read Access Mapping
0:
Ignore mapping for read accesses
1:
Use mapping for read accesses
R/W
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com