Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TI/ML Datasheet(PDF) 284 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 284 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 280Page - Microchip Technology LAN9252TI/ML Datasheet HTML 281Page - Microchip Technology LAN9252TI/ML Datasheet HTML 282Page - Microchip Technology LAN9252TI/ML Datasheet HTML 283Page - Microchip Technology LAN9252TI/ML Datasheet HTML 284Page - Microchip Technology LAN9252TI/ML Datasheet HTML 285Page - Microchip Technology LAN9252TI/ML Datasheet HTML 286Page - Microchip Technology LAN9252TI/ML Datasheet HTML 287Page - Microchip Technology LAN9252TI/ML Datasheet HTML 288Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 329 page
background image
LAN9252
DS00001909A-page 284
 2015 Microchip Technology Inc.
12.14.75 PULSE LENGTH OF SYNCSIGNALS REGISTER
Note 39:
The default value of this field can be configured via EEPROM. Refer to Section 12.8, "EEPROM Configu-
rable Registers," on page 201 for additional information.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.76 ACTIVATION STATUS REGISTER
Offset:
0982h-0983h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
Pulse length of SyncSignals
(in units of 10ns)
A value of 0 is used for Acknowledge Mode: SyncSignal will be
cleared by reading the SYNC0 Status Register/SYNC1 Status
Register.
RO
RO
0000h
Note 39
Offset:
0984h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:3
RESERVED
RO
RO
00000b
2
Start Time Cyclic Operation (Start Time Cyclic Operation Regis-
ter) plausibility check result when Sync Out Unit was activated.
0:
Start Time was within near future
1:
Start Time was out of near future
RO
RO
0b
1
SYNC1 Activation State
0:
First SYNC1 pulse is not pending
1:
First SYNC1 pulse is pending
RO
RO
0b
0
SYNC0 Activation State
0:
First SYNC0 pulse is not pending
1:
First SYNC0 pulse is pending
RO
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com