Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TI/ML Datasheet(PDF) 312 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 312 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 308Page - Microchip Technology LAN9252TI/ML Datasheet HTML 309Page - Microchip Technology LAN9252TI/ML Datasheet HTML 310Page - Microchip Technology LAN9252TI/ML Datasheet HTML 311Page - Microchip Technology LAN9252TI/ML Datasheet HTML 312Page - Microchip Technology LAN9252TI/ML Datasheet HTML 313Page - Microchip Technology LAN9252TI/ML Datasheet HTML 314Page - Microchip Technology LAN9252TI/ML Datasheet HTML 315Page - Microchip Technology LAN9252TI/ML Datasheet HTML 316Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 329 page
background image
LAN9252
DS00001909A-page 312
 2015 Microchip Technology Inc.
Note 19:
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up resis-
tors add +/- 50 µA per-pin (typical).
Note 20:
OSCI can optionally be driven from a 25 MHz singled-ended clock oscillator.
Note 21:
LVPECL compatible.
Note 22:
VOFFSET is a function of the external resistor network configuration. The listed value is recommended to pre-
vent issues due to crosstalk.
ILVPECL Input Buffer
Low Input Level
High Input Level
VIL-VDD33TXRXx
VIH-VDD33TXRXx
VDD33TXRXx
+0.3
-1.14
-1.48
0.3
V
V
Note 21
Note 21
OLVPECL Output Buffer
Low Output Level
High Output Level
Peak-to-Peak Differential
(SFF mode)
Peak-to-Peak Differential
(SFP mode)
Common Mode Voltage
Offset Voltage
Load Capacitance
VOL
VOH
VDIFF-SFF
VDIFF-SFP
VCM
VOFFSET
CLOAD
VDD33TXRXx
-1.025
1.2
0.6
1.0
1.6
0.8
VDD33TXRXx
-1.3
40
VDD33TXRXx
-1.62
2.0
1.0
10
V
V
V
V
V
mV
pF
Note 22
TABLE 18-6:
NON-VARIABLE I/O DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com