Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TI/ML Datasheet(PDF) 109 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 109 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 105Page - Microchip Technology LAN9252TI/ML Datasheet HTML 106Page - Microchip Technology LAN9252TI/ML Datasheet HTML 107Page - Microchip Technology LAN9252TI/ML Datasheet HTML 108Page - Microchip Technology LAN9252TI/ML Datasheet HTML 109Page - Microchip Technology LAN9252TI/ML Datasheet HTML 110Page - Microchip Technology LAN9252TI/ML Datasheet HTML 111Page - Microchip Technology LAN9252TI/ML Datasheet HTML 112Page - Microchip Technology LAN9252TI/ML Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 109
LAN9252
10.2.4.3
Dual Output Read
The SPI Dual Output Read instruction inputs the instruction code and the address and dummy bytes one bit per clock
and outputs the data two bits per clock. This instruction is supported in SPI bus protocol only with clock frequencies up
to 80 MHz. This instruction is not supported in SQI bus protocol.
The SPI slave interface is selected by first bringing SCS# active. The 8-bit SDOR instruction, 3Bh, is input into the SIO[0]
pin, followed by the two address bytes and 1 dummy byte. The address bytes specify a BYTE address within the device.
On the falling clock edge following the rising edge of the last dummy di-bit, the SIO[1:0] pins are driven starting with the
msbs of the LSB of the selected register. The remaining register di-bits are shifted out on subsequent falling clock edges.
The SCS# input is brought inactive to conclude the cycle. The SIO[1:0] pins are three-stated at this time.
Figure 10-7 illustrates a typical single and multiple register dual output read.
FIGURE 10-7:
SPI DUAL OUTPUT READ
SPI Dual Output Read Single Register
SCK (active high)
SIO0
00
11
1
X
Instruction
1
Address
SIO1
d
e
c
Data
A
1
3
...
...
...
SPI Dual Output Read Multiple Registers
10
D
7
D
6
D
5
Z
Z
X
SCK (active low)
SCS#
...
X
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
3
3
3
4
3
5
X
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
3
3
3
4
3
5
4
5
4
6
4
7
4
8
X
X
4
5
4
6
4
7
4
8
D
2
9
i
n
c
A
1
2
A
1
1
A
1
0
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
SCK (active high)
SIO0 X
Instruction
Address
SIO1
d
e
c
A
1
3
...
...
Z
SCK (active low)
SCS#
...
X
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
X
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
X
X
i
n
c
A
1
2
A
1
1
A
1
0
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
...
...
...
...
x
x
x
x
x
x
x
x
2
5
2
6
2
7
2
8
2
9
3
0
3
1
3
2
2
5
2
6
2
7
2
8
2
9
3
0
3
1
3
2
Dummy
x
x
x
x
x
x
x
x
Dummy
2
5
2
6
2
7
2
8
2
9
3
0
3
1
2
5
2
6
2
7
2
8
2
9
3
0
3
1
3
2
3
2
3
3
3
4
3
5
3
3
3
4
3
5
00
11
1
1
10
D
2
5
Data 1...
Data m
Data m+1... Data n
...
D
4
D
3
D
2
D
2
4
D
2
8
D
2
6
D
2
7
X
Data
D
7
D
6
D
5
D
4
D
3
D
2
D
2
9
D
2
5
D
2
4
D
2
8
D
2
6
D
2
7
D
7
D
6
D
5
D
4
D
3
D
2
Z
X
D
2
9
D
2
5
D
2
4
D
2
8
D
2
6
D
2
7
X
Data 1...
Data m
Data m+1... Data n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com