Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1607BDR2G. Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1607BDR2G.
Description  Cost Effective Power Factor Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1607BDR2G. Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1607BDR2G. Datasheet HTML 1Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 2Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 3Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 4Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 5Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 6Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 7Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 8Page - ON Semiconductor NCP1607BDR2G. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NCP1607
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS
(For typical values, TJ = 25°C. For min/max values, TJ = −40°C to +125°C, unless otherwise specified,
VCC = 12 V, VFB = 2.4 V, VCS = 0 V, VCONTROL = open, VZCD = open, CDRV = 1 nF, CT = 1 nF)
Characteristics
Symbol
Min
Typ
Max
Unit
VCC UNDERVOLTAGE LOCKOUT SECTION
VCC Startup Threshold (Undervoltage Lockout Threshold, Vcc rising)
−25
°C < TJ < +125°C
−40
°C < TJ < +125°C
VCC(on)
11.0
10.9
11.8
11.8
13.0
13.1
V
VCC Disable Voltage after Turn On (Undervoltage Lockout Threshold, VCC falling)
−25
°C < TJ < +125°C
−40
°C < TJ < +125°C
VCC(off)
8.7
8.5
9.5
9.5
10.3
10.5
V
Undervoltage Lockout Hysteresis
HUVLO
2.2
2.5
2.8
V
DEVICE CONSUMPTION
ICC consumption during startup: 0 V < VCC < VCC(on) − 200 mV
ICC(startup)
−
23.5
40
mA
ICC consumption after turn on at No Load, 70 kHz switching
ICC1
−
1.4
2.0
mA
ICC consumption after turn on at 70 kHz switching
ICC2
−
2.17
3.0
mA
ICC consumption after turn on at no switching
(such as during OVP fault, UVP fault, or grounding ZCD)
ICC(fault)
−
1.2
1.6
mA
REGULATION BLOCK (ERROR AMPLIFIER)
Voltage Reference
TJ = 25 °C
−25
°C < TJ < +125°C
−40
°C < TJ < +125°C
VREF
2.475
2.465
2.460
2.50
2.50
2.50
2.525
2.535
2.540
V
VREF Line Regulation from VCC(on) + 200 mV < VCC < 20 V, TJ = 25°C
VREF(line)
−2.0
−
2.0
mV
Error Amplifier Current Capability: (Note 3)
Sink (VControl = 4 V, VFB = 2.6 V):
Source (VControl = 4 V, VFB = 2.4 V):
IEA
8.0
−2.0
17
−6.0
−
−
mA
Error Amplifier Open Loop DC Gain (Note 4)
GOL
−
80
−
dB
Unity Gain Bandwidth (Note 4)
BW
−
1.0
−
MHz
FB Bias Current (VFB = 2.5 V)
IFB
0.25
0.53
1.25
mA
FB Pull Down Resistor (VFB = 2.5 V)
RFB
2.0
4.7
10
M
W
Control Pin Bias Current (FB = 0 V and VCONTROL = 4.0 V)
ICONTROL
−1.0
−
1.0
mA
VCONTROL (IEASOURCE = 0.5 mA, VFB = 2.4 V)
VEAH
4.9
5.3
5.7
V
VCONTROL (IEASINK = 0.5 mA, VFB = 2.6 V)
VEAL
1.85
2.1
2.4
V
VEA(diff) = VEAH − VEAL
VEA(diff)
3.0
3.2
3.4
V
CURRENT SENSE BLOCK
Overcurrent Voltage Threshold
VCS(limit)
0.45
0.5
0.55
V
Leading Edge Blanking Duration
tLEB
150
256
350
ns
Overcurrent Voltage Propagation Delay
tCS
40
100
170
ns
CS Bias Current (VCS = 2 V)
ICS
−1.0
−
1.0
mA
ZERO CURRENT DETECTION
Zero Current Detection Threshold (VZCD rising)
VZCDH
1.9
2.1
2.3
V
Zero Current Detection Threshold (VZCD falling)
VZCDL
1.45
1.6
1.75
V
VZCDH − VZCDL
VZCD(HYS)
300
500
800
mV
Maximum ZCD bias Current (VZCD = 5 V)
IZCD
−2.0
−
+2.0
mA
Upper Clamp Voltage (IZCD = 2.5 mA)
VCL(POS)
5.0
5.7
6.5
V
Current Capability of the Positive Clamp at VZCD = VCL(POS) + 200 mV:
ICL(POS)
5.0
8.5
−
mA
Negative Active Clamp Voltage (IZCD = −2.5 mA)
VCL(NEG)
0.45
0.6
0.75
V
3. Parameter values are valid for transient conditions only.
4. Parameter characterized and guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com