Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1730E/2K Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1730E/2K
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1730E/2K Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1730E/2K Datasheet HTML 7Page - Texas Instruments PCM1730E/2K Datasheet HTML 8Page - Texas Instruments PCM1730E/2K Datasheet HTML 9Page - Texas Instruments PCM1730E/2K Datasheet HTML 10Page - Texas Instruments PCM1730E/2K Datasheet HTML 11Page - Texas Instruments PCM1730E/2K Datasheet HTML 12Page - Texas Instruments PCM1730E/2K Datasheet HTML 13Page - Texas Instruments PCM1730E/2K Datasheet HTML 14Page - Texas Instruments PCM1730E/2K Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PCM1730
SLES021 − NOVEMBER 2001
11
www.ti.com
functional description (continued)
DATA
t(BCH)
50% of VDD
BCK
LRCK
t(BCL)
t(LB)
t(BCY)
t(BL)
tsu
th
50% of VDD
50% of VDD
PARAMETER
MIN
UNIT
BCK pulse cycle time, t(BCY)
70
ns
BCK pulse width low, tw(BCL)
30
ns
BCK pulse width high, tw(BCH)
30
ns
BCK rising edge to LRCK edge, t(BL)
10
ns
LRCK edge to BCK rising edge, t(LB)
10
ns
DATA set up time, tsu
10
ns
DATA hold time, th
10
ns
LRCK clock duty
50%
±2 bit clock
Figure 5. Audio Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com