| Electronic Components Datasheet Search |
|
LAN9252T/PT Datasheet(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252T/PT Datasheet(HTML) 34 Page - Microchip Technology |
|
34 / 329 page ![]() LAN9252 DS00001909A-page 34 2015 Microchip Technology Inc. 5.1 System Control and Status Registers The System CSRs are directly addressable memory mapped registers with a base address offset range of 050h to 314h. These registers are addressable by the Host via the Host Bus Interface (HBI) or SPI/SQI. For more information on the various device modes and their corresponding address configurations, see Section 2.0, "General Description," on page 8. Table 5-1 lists the System CSRs and their corresponding addresses in order. All system CSRs are reset to their default value on the assertion of a chip-level reset. The System CSRs can be divided into the following sub-categories. Each of these sub-categories is located in the cor- responding chapter and contains the System CSR descriptions of the associated registers. The register descriptions are categorized as follows: • Section 6.2.3, "Reset Registers," on page 42 • Section 6.3.5, "Power Management Registers," on page 47 • Section 8.3, "Interrupt Registers," on page 56 • Section 12.13, "EtherCAT CSR and Process Data RAM Access Registers (Directly Addressable)," on page 214 • Section 16.1, "Miscellaneous System Configuration & Status Registers," on page 301 Note: Unlisted registers are reserved for future use. TABLE 5-1: SYSTEM CONTROL AND STATUS REGISTERS Address Register Name (Symbol) 000h-01Ch EtherCAT Process RAM Read Data FIFO (ECAT_PRAM_RD_DATA) 020h-03Ch EtherCAT Process RAM Write Data FIFO (ECAT_PRAM_WR_DATA) 050h Chip ID and Revision (ID_REV) 054h Interrupt Configuration Register (IRQ_CFG) 058h Interrupt Status Register (INT_STS) 05Ch Interrupt Enable Register (INT_EN) 064h Byte Order Test Register (BYTE_TEST) 074h Hardware Configuration Register (HW_CFG) 084h Power Management Control Register (PMT_CTRL) 08Ch General Purpose Timer Configuration Register (GPT_CFG) 090h General Purpose Timer Count Register (GPT_CNT) 09Ch Free Running 25MHz Counter Register (FREE_RUN) Reset Register 1F8h Reset Control Register (RESET_CTL) EtherCAT Registers 300h EtherCAT CSR Interface Data Register (ECAT_CSR_DATA) 304h EtherCAT CSR Interface Command Register (ECAT_CSR_CMD) 308h EtherCAT Process RAM Read Address and Length Register (ECAT_PRAM_RD_ADDR_LEN) 30Ch EtherCAT Process RAM Read Command Register (ECAT_PRAM_RD_CMD) 310h EtherCAT Process RAM Write Address and Length Register (ECAT_PRAM_WR_ADDR_LEN) 314h EtherCAT Process RAM Write Command Register (ECAT_PRAM_WR_CMD) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |