Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1740E/2K.B Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM1740E/2K.B
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740E/2K.B Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1740E/2K.B Datasheet HTML 13Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 14Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 15Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 16Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 17Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 18Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 19Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 20Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
PCM1740
17
SBAS128B
www.ti.com
FIGURE 16. Basic Connection Diagram.
+
+
XT1
PGND
XTUN
V
PP
MCKO
AD0
AD1
SCL
SDA
RST
V
OUTR
AGND
1
2
3
4
5
6
7
9
8
10
XT2
DGND
V
DD
SCKO
RSV
LRCK
DATA
BCK
ZERO
V
COM
V
OUTL
V
CC
I2C BUS
and Reset
Control
from
µP
VCXO
Control
Voltage
(0V to +3V)
27MHz
Master Clock
Low Pass
Filter (2)
Right Channel
Output
From Audio
Decoder
Serial
Interface
256/384f
S
to AudioDecoder
and Data Converters
Buffer(1)
Buffer(1)
X
C
3
10k
Ω
Zero Flag
+
C
4
+
C
5
C
6
NOTES: (1) Use buffer when driving multiple nodes.
(2) See applications information section for filter
recommendations.
C
1
+
PCM1740
27MHz Crystal
C
1 to C6 = 1µF to 10µF Capacitors
( Aluminum Electrolytic or tantalum)
Low Pass
Filter (2)
Left Channel
Output
Analog
Ground
C
2
+5V
+
APPLICATIONS INFORMATION
BASIC CONNECTION DIAGRAM
A basic connection diagram is shown in Figure 16. Power
supply and reference decoupling capacitors should be located
as close as possible to the PCM1740 package. The 27MHz
crystal should also be located as close as possible to the
package, to reduce the effects of parasitic capacitance on
VCXO operation.
A single +5V supply is recommended, to avoid issues with
power-supply sequencing and SCR latch-up. It is recom-
mended that this supply be separate from the system digital
power supply. In cases where this is not practical, an
Audio
Serial
I/F
I2C
I/F
and
REGs
VCXO
AD1
AD0
SCL
SDA
XTUN
XTI
XTO
RST
27MHz
Crystal
8x
Interpolation
Filter
and
Programmable
Functions
DAC
(R)
Counter N
V
OUTL
V
COM
ZERO
SCKO
MCKO
To Audio Decoder
and Data Converters
To Other Devices
V
OUTR
Counter M
Power Supply
Reset
BCIN
LRCIN
DIN
V
CP
AGND
DGND
V
CC
V
DD
PGND
DAC
(L)
Low-Pass
Filter
and Output
Amp
Audio
Decoder
MPEG
System Controller
27MHz Reference
Generated by
Receive Counter
Line-Out_L
Line-Out_R
LPF
PD
VCO
Low-Pass
Filter
and
Analog
Mute
LPF
VCXO Control Voltage
Phase
Detec.
FIGURE 17. Typical Application Diagram.
inductor or ferrite bead should be placed in series with the
+5V supply connection to reduce or eliminate high-fre-
quency noise on the supply line.
In cases where overshoot or ringing is present on the LRCK
or BCK signals, a series resistance of 25
Ω to 100Ω should
be added. The resistor forms a simple RC filter with the
device input and printed circuit board (PCB) parasitic ca-
pacitance, dampening the overshoot and ringing effects,
while reducing high-frequency noise emissions.
TYPICAL APPLICATION DIAGRAM
Figure 17 shows the PCM1740 being used as part of the
audio sub-system in a set-top box application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com