Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1804DBR.B Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM1804DBR.B
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DBR.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM1804DBR.B Datasheet HTML 26Page - Texas Instruments PCM1804DBR.B Datasheet HTML 27Page - Texas Instruments PCM1804DBR.B Datasheet HTML 28Page - Texas Instruments PCM1804DBR.B Datasheet HTML 29Page - Texas Instruments PCM1804DBR.B Datasheet HTML 30Page - Texas Instruments PCM1804DBR.B Datasheet HTML 31Page - Texas Instruments PCM1804DBR.B Datasheet HTML 32Page - Texas Instruments PCM1804DBR.B Datasheet HTML 33Page - Texas Instruments PCM1804DBR.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
www.ti.com
_
+
4.7 k
Ω
4.7 k
Ω
OPA2134 1/2
+
10
µF
R1 = 3.3 kΩ
_
+
C(1)
R5 = 47 Ω
R3 = 1 kΩ
VIN−
_
+
R4 = 1 kΩ
R6 = 47 Ω
0.1
µF
+
R2 = 3.3 kΩ
OPA2134 1/2
VIN+
VCOM
0.01
µF
PCM1804
Analog In
OPA2134 1/2
S0059-01
C(1)
10
µF
_
+
_
+
VCOM
VREF
VIN+
VIN−
BGR
∆Σ Modulator
S0060-01
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
(1)
A capacitor value of 1800 pF is recommended, unless an input signal greater than –6 dBFS at 100 kHz or higher is
applied in the DSD mode. In that case, 3300 pF is recommended.
Figure 44. Application Circuit for Single-Ended Input Circuit (PCM)
Figure 45. Equivalent Circuit of Internal Reference (VCOM, VREF)
30
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com