Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3003E/2K Datasheet(PDF) 19 Page - Texas Instruments

Part # PCM3003E/2K
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3003E/2K Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM3003E/2K Datasheet HTML 15Page - Texas Instruments PCM3003E/2K Datasheet HTML 16Page - Texas Instruments PCM3003E/2K Datasheet HTML 17Page - Texas Instruments PCM3003E/2K Datasheet HTML 18Page - Texas Instruments PCM3003E/2K Datasheet HTML 19Page - Texas Instruments PCM3003E/2K Datasheet HTML 20Page - Texas Instruments PCM3003E/2K Datasheet HTML 21Page - Texas Instruments PCM3003E/2K Datasheet HTML 22Page - Texas Instruments PCM3003E/2K Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
www.ti.com
30 k
VINR
VCOM
3
21
5
Delta-Sigma
Modulator
(+)
VREF
VREF2
+
1.0
µF
4.7
µF
+
+
(−)
+
S0011-03
VREF1
4
4.7
µF
+
4.7
µF
+
PCM AUDIO INTERFACE
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
Figure 40. Analog Front-End (Single-Channel)
The four-wire digital audio interface for the PCM3002/3003 comprises LRCIN (pin 10), BCKIN (pin 11), DIN
(pin 15), and DOUT (pin 12). The PCM3002 can be used with any of the four input/output data formats (formats
0–3), while the PCM3003 can only be used with selected input/output formats (formats 0–1). For the PCM3002,
these formats are selected through program register 3 in the software mode. For the PCM3003, data formats are
selected by the 20BIT input (pin 16). Figure 41, Figure 42, and Figure 43 illustrate audio data input/output
formats and timing.
The PCM3002/3003 can accept 32, 48, or 64 bit clocks (BCKIN) in one clock of LRCIN. Only the 16-bit data
format can be selected when 32-bit clocks/LRCIN are applied.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com