Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3010DB.B Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM3010DB.B
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3010DB.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM3010DB.B Datasheet HTML 4Page - Texas Instruments PCM3010DB.B Datasheet HTML 5Page - Texas Instruments PCM3010DB.B Datasheet HTML 6Page - Texas Instruments PCM3010DB.B Datasheet HTML 7Page - Texas Instruments PCM3010DB.B Datasheet HTML 8Page - Texas Instruments PCM3010DB.B Datasheet HTML 9Page - Texas Instruments PCM3010DB.B Datasheet HTML 10Page - Texas Instruments PCM3010DB.B Datasheet HTML 11Page - Texas Instruments PCM3010DB.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
PCM3010
SLES055 – NOVEMBER 2002
8
www.ti.com
electrical characteristics, all specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V,
fS = 44.1 kHz, SCKI = 384 fS, 24-bit data (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
PCM3010DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE (see Note 5) (Continued)
fS = 44.1 kHz
–42
THD+N VOUT = –60 dB
fS = 96 kHz
–43
dB
THD+N VOUT
60 dB
fS = 192 kHz
–43
dB
fS = 44.1 kHz, EIAJ, A-weighted
98
104
Dynamic range
fS = 96 kHz, EIAJ, A-weighted
105
dB
Dynamic range
fS = 192 kHz, EIAJ, A-weighted
105
dB
fS = 44.1 kHz, EIAJ, A-weighted
98
104
S/N ratio
fS = 96 kHz, EIAJ, A-weighted
105
dB
S/N ratio
fS = 192 kHz, EIAJ, A-weighted
105
dB
fS = 44.1 kHz
95
102
Channel separation
fS = 96 kHz
102
dB
Channel se aration
fS = 192 kHz
103
dB
ANALOG OUTPUT
Output voltage
60% of VCC2
Vp-p
Center voltage
50% of VCC2
V
Load impedance
AC coupling
5
k
Ω
LPF frequency response
f = 20 kHz
–0.03
dB
LPF frequency response
f = 44 kHz
–0.20
dB
DIGITAL FILTER PERFORMANCE
Pass band
±0.03 dB
0.454 fS
Hz
Stop band
0.546 fS
Hz
Pass-band ripple
±0.03
dB
Stop-band attenuation
0.546 fS
–50
dB
Delay time
20/fS
sec
De-emphasis error
±0.1
dB
POWER SUPPLY REQUIREMENTS
VCC1
VCC2
Voltage range
4.5
5.0
5.5
VDC
VDD
Voltage range
3.0
3.3
3.6
VDC
ICC
fS = 44.1 kHz
31
40
ICC
(ICC1 +
fS = 96 kHz
32
mA
(ICC1 +
ICC2)
Supply current
fS = 192 kHz
9
mA
Supply current
fS = 44.1 kHz
10
15
IDD
fS = 96 kHz
20
mA
IDD
fS = 192 kHz
14
mA
fS = 44.1 kHz
190
250
Power dissipation, operation
fS = 96 kHz
230
mW
Power dissi ation, o eration
fS = 192 kHz
90
mW
Power dissipation, power down (see Note 6)
1
mW
TEMPERATURE RANGE
Operating temperature
–25
85
°C
θJA
Thermal resistance
24-pin SSOP
100
°C/W
NOTES:
5. fOUT = 1 kHz, using System Two audio measurement system, RMS mode with 20-kHz LPF, 400-Hz HPF.
6. Halt SCKI, BCK, LRCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com