Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM4202 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM4202
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202 Datasheet(HTML) 3 Page - Texas Instruments

  PCM4202 Datasheet HTML 1Page - Texas Instruments PCM4202 Datasheet HTML 2Page - Texas Instruments PCM4202 Datasheet HTML 3Page - Texas Instruments PCM4202 Datasheet HTML 4Page - Texas Instruments PCM4202 Datasheet HTML 5Page - Texas Instruments PCM4202 Datasheet HTML 6Page - Texas Instruments PCM4202 Datasheet HTML 7Page - Texas Instruments PCM4202 Datasheet HTML 8Page - Texas Instruments PCM4202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
3
Terminal Functions
TERMINAL
PIN NO.
NAME
I/O
DESCRIPTION
1
VREFL
Output
Left Channel Voltage Reference
2
AGNDL
Ground
Left Channel Reference Ground
3
VCOML
Output
Left Channel DC Common-mode Voltage, +2.5V Typical
4
VINL+
Input
Left Channel Non-inverting Analog Input
5
VINL−
Input
Left Channel Inverting Analog Input
6
FMT0
Input
Audio Data Format Selection
7
FMT1
Input
Audio Data Format Selection
8
S/M
Input
Audio Serial Port Slave/Master Mode Selection (0 = Master, 1 = Slave)
9
FS0
Input
Sampling Mode Selection
10
FS1
Input
Sampling Mode Selection
11
FS2
Input
Sampling Mode Selection
12
HPFD
Input
High-pass Filter Disable (Active High)
13
DGND
Ground
Digital Ground
14
VDD
Power
Digital Power Supply, +3.3V
15
DATA
or DSDR
Output
Audio Serial Port Left and Right Channel PCM Data
or Right Channel DSD Data
16
BCK
or DSDL
I/O
Audio Serial Port Bit (or Data) Clock
or Left Channel DSD Data Output
17
LRCK
or DSDBCK
I/O
Audio Serial Port Left/Right (or Word) Clock
or DSD Data Clock Output
18
SCKI
Input
System Clock
19
RST
Input
Reset/Power-down (Active Low with internal pull-up)
20
CLIPR
Output
Right Channel Clipping Flag (Active High)
21
CLIPL
Output
Left Channel Clipping Flag (Active High)
22
VCC
Power
Analog Power Supply, +5V
23
AGND
Ground
Analog Ground
24
VINR−
Input
Right Channel Inverting Analog Input
25
VINR+
Input
Right Channel Non-inverting Analog Input
26
VCOMR
Output
Right Channel DC Common-mode Voltage, +2.5V Typical
27
AGNDR
Ground
Right Channel Reference Ground
28
VREFR
Output
Right Channel Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com