Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11MM13 Datasheet(PDF) 1 Page - Utica Tools

Part # 11MM13
Description  “Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTICA [Utica Tools]
Direct Link  
Logo UTICA - Utica Tools

11MM13 Datasheet(HTML) 1 Page - Utica Tools

  11MM13 Datasheet HTML 1Page - Utica Tools 11MM13 Datasheet HTML 2Page - Utica Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Head changes are quick and easy without the need for recalibration.
■
.Drive Sizes: 1/4" through 3/4"
■
Accept variety of heads to suit specific application requirements.
■
Common center principal allows simple exchange or
replacement of heads without need for recalibration.
■
Choice of micrometer adjustable or single setting (preset) models.
■
Accuracy is ±4% of setting right hand and ±6% of setting left
hand within upper 80% of scale.
CHA-23
CH-150
“Click” Type Torque Sensing Wrenches
“A” .Size .Interchangeable .Heads
“Click” Type Torque Sensing Wrenches
Interchangeable .Head .“A” .Size .Series
Micrometer Adjustable Wrench – “A” Size
Model No.
Range
Graduations
Length
Weight
in.-lb.
Nm
in.-lb.
Nm
in.
mm
lb.
kg
CH-150
30–150
3 .4–17
1 .0
.113
9
228 .6
1 .0
0 .5
If .calibration .certification .is .required, .request .at .time .of .purchase .
Single Setting (Preset) Wrench – “A” Size*
Model No.
Range
Length
Weight
Nm
in.-lb.
ft.-lb.
cm-kg
in.
mm
lb.
kg
CHA-6
1 .2–6
10–50
.8–4 .2
12–60
5 .32 135 .0 0 .17 0 .075
CHA-11
2 .2–11
20–100 1 .6–8
23–115
5 .75
146 .1
0 .3
0 .1
CHA-23
4 .6–23
40–200 3 .4–17 46–230
7 .75
196 .9
0 .4
0 .2
If .calibration .certification .is .required, .request .at .time .of .purchase .(extra .charge) .
NOTE: ..Single .setting .wrenches .do .not .have .a .scale .and .must .be .set .on .torque .tester. .
When ordering these preset tools, specify desired torque setting.
1
Distributed by : All-Spec Industries
Ph: 800-537-0351
Web: www.all-spec.com
Wilmington, NC
Fx: 800-379-9903
Email: sales@all-spec.com


Similar Part No. - 11MM13

ManufacturerPart #DatasheetDescription
logo
Dubilier
11M103G DUBILIER-11M103G Datasheet
124Kb / 2P
RESISTOR NETWORK SIL
logo
Mclennan Servo Supplie...
11MSM031005-S MCLENNAN-11MSM031005-S Datasheet
1Mb / 2P
11MSM - NEMA 11 stepper motor, higher torque, 2 phase, 1.8°
11MSM031010-S MCLENNAN-11MSM031010-S Datasheet
1Mb / 2P
11MSM - NEMA 11 stepper motor, higher torque, 2 phase, 1.8°
More results

Similar Description - 11MM13

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-004 GLENAIR-600-004 Datasheet
210Kb / 1P
Torque Wrenches
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
Hand Held Torque Wrenches
logo
TE Connectivity Ltd
408-8640 TEC-408-8640 Datasheet
259Kb / 2P
Mini Torque Wrenches
408-8676 TEC-408-8676 Datasheet
187Kb / 2P
Production Torque Wrenches
logo
Pasternack Enterprises,...
PE5011-2 PASTERNACK-PE5011-2 Datasheet
317Kb / 3P
Torque Wrenches Technical Data Sheet
PE5011-3 PASTERNACK-PE5011-3 Datasheet
316Kb / 3P
Torque Wrenches Technical Data Sheet
PE5011-6 PASTERNACK-PE5011-6 Datasheet
346Kb / 3P
Torque Wrenches Technical Data Sheet
PE5011-8 PASTERNACK-PE5011-8 Datasheet
349Kb / 3P
Torque Wrenches Technical Data Sheet
PE5019-1A PASTERNACK-PE5019-1A Datasheet
367Kb / 3P
Torque Wrenches Technical Data Sheet
PE5019-19A PASTERNACK-PE5019-19A Datasheet
367Kb / 3P
Torque Wrenches Technical Data Sheet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com