Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3000 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM3000
Description  18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3000 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM3000 Datasheet HTML 25Page - Texas Instruments PCM3000 Datasheet HTML 26Page - Texas Instruments PCM3000 Datasheet HTML 27Page - Texas Instruments PCM3000 Datasheet HTML 28Page - Texas Instruments PCM3000 Datasheet HTML 29Page - Texas Instruments PCM3000 Datasheet HTML 30Page - Texas Instruments PCM3000 Datasheet HTML 31Page - Texas Instruments PCM3000 Datasheet HTML 32Page - Texas Instruments PCM3000 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
www.ti.com
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
AL[7:0]:
Bits 7:0 – DAC Attenuation Data for Left Channel
AL7 and AL0 are the MSB and LSB, respectively. The attenuation level (ATT) is given by
ATT = 20
× log
10 (AL[7:0]/256) (dB), except AL[7:0] = FFh
AL[7:0]
ATTENUATION LEVEL
00h
–
∞ dB (mute)
01h
–48.16 dB
:
:
FEh
–0.07 dB
FFh
0 dB (default)
PROGRAM REGISTER 1
res:
Bits 15:11 – Reserved
These bits are reserved and should be set to 0.
A[1:0]:
Bits 10:9 – Register Address
These bits definte the address for REGISTER 1.
A1
A0
0
1
Register 1
LDR:
Bit 8 – DAC Attenuation Data Load Control for Right Channel
This bit is used to simultaneously set the analog outputs of the left and right channels. The output
level is controlled by AR[7:0] attenuation data when this bit is set to 1. When set to 0, the new
attenuation data is stored into a register, and the output level remains at the previous attenuation
level. The LDL bit in REGISTER 0 has the equivalent function as LDR. When either LDL or LDR is
set to 1, the output levels of the left and right channels are simultaneously controlled.
AR[7:0]:
Bits 7:0 – DAC Attenuation Data for Right Channel
AR7 and AR0 are the MSB and LSB, respectively. The attenuation level (ATT) is given by
ATT = 20
× log
10 (AR[7:0]/256) (dB), except AR[7:0] = FFh
AR[7:0]
ATTENUATION LEVEL
00h
–
∞ dB (mute)
01h
–48.16 dB
:
:
FEh
–0.07 dB
FFh
0 dB (default)
PROGRAM REGISTER 2
res:
Bits 15:11 – Reserved
These bits are reserved and should be set to 0.
A[1:0]:
Bits 10:9 – Register Address
These bits define the address for REGISTER 2:
A1
A0
1
0
Register 2
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com