Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL1705DBQ Datasheet(PDF) 10 Page - Texas Instruments

Part # PLL1705DBQ
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1705DBQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button PLL1705DBQ Datasheet HTML 6Page - Texas Instruments PLL1705DBQ Datasheet HTML 7Page - Texas Instruments PLL1705DBQ Datasheet HTML 8Page - Texas Instruments PLL1705DBQ Datasheet HTML 9Page - Texas Instruments PLL1705DBQ Datasheet HTML 10Page - Texas Instruments PLL1705DBQ Datasheet HTML 11Page - Texas Instruments PLL1705DBQ Datasheet HTML 12Page - Texas Instruments PLL1705DBQ Datasheet HTML 13Page - Texas Instruments PLL1705DBQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PLL1705
PLL1706
SLES046A − AUGUST 2002 − REVISED SEPTEMBER 2002
www.ti.com
10
Table 3. Sampling Frequencies and System Clock Output Frequencies
SAMPLING FREQUENCY (kHz)
SAMPLING RATE
SCKO2 (MHZ)
SCKO3 (MHZ)
32
Standard
8.192
12.288
44.1
Standard
11.2896
16.9344
48
Standard
12.288
18.432
64
Double
16.384
24.576
88.2
Double
22.5792
33.8688
96
Double
24.576
36.864
Response time from power on (or applying the clock to XT1) to SCKO settling time is typically 3 ms. Delay time from
sampling frequency change to SCKO settling is 200 ns maximum. This clock transient timing is not synchronized with the
SCKOx signals. Figure 10 illustrates SCKO transient timing in the PLL1706. External buffers are recommended on all
output clocks in order to avoid degrading the jitter performance of the PLL1705/6.
SCKO0
SCKO1
200 ns
SCKO2
SCKO3
ML
Stable
Clock Transition Region
Stable
33.8688 MHz, 384 or 768 of 44.1 kHz
1−2 Clocks of MCKO1,2
Figure 10. System Clock Transient Timing
POWER-ON RESET
The PLL1705/6 has an internal power-on reset circuit. The mode register of PLL1706 is initialized with default settings by
power-on reset. Throughout the reset period, all clock outputs are enabled with the default settings after power up time.
Initialization by internal power-on reset is done automatically during 1024 master clocks at VDD > 2.0 V (TYP). Power-on
reset timing is shown in Figure 11.
Reset
Reset Removal
1024 Master Clocks
VDD
2.4 V
2.0 V
1.6 V
Internal Reset
Master Clock
Figure 11. Power-On Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com