Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPNFVC Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # S25FL256SDPNFVC
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFVC Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button S25FL256SDPNFVC Datasheet HTML 63Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 64Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 65Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 66Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 67Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 68Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 69Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 70Page - Cypress Semiconductor S25FL256SDPNFVC Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 66 of 148
S25FL128S/S25FL256S
2. For backward compatibility to the 3-byte address instructions, the standard instructions can be used in conjunction with
the EXTADD Bit in the Bank Address Register (BAR[7]). By default BAR[7] is cleared to 0 (following power up and
hardware reset), to enable 3-byte (24-bit) addressing. When set to 1, the legacy commands are changed to require 4
bytes (32 bits) for the address field. The following instructions can be used in conjunction with EXTADD bit to switch from
3 bytes to 4 bytes of address field.
3. For backward compatibility to the 3-byte addressing, the standard instructions can be used in conjunction with the Bank
Address Register:
a. The Bank Address Register is used to switch between 128-Mbit (16-Mbyte) banks of memory, The standard 3-byte
address selects an address within the bank selected by the Bank Address Register.
i. The host system writes the Bank Address Register to access beyond the first 128 Mbits of
memory.
ii. This applies to read, erase, and program commands.
b. The Bank Register provides the high order (4th) byte of address, which is used to address the available memory at
addresses greater than 16 Mbytes.
c. Bank Register bits are volatile.
i. On power up, the default is Bank0 (the lowest address 16 Mbytes).
d. For Read, the device will continuously transfer out data until the end of the array.
i. There is no bank to bank delay.
ii. The Bank Address Register is not updated.
iii. The Bank Address Register value is used only for the initial address of an access.
Instruction Name
Description
Code (Hex)
READ
Read (3-byte Address)
03
FAST_READ
Read Fast (3-byte Address)
0B
DOR
Read Dual Out (3-byte Address)
3B
QOR
Read Quad Out (3-byte Address)
6B
DIOR
Dual I/O Read (3-byte Address)
BB
QIOR
Quad I/O Read (3-byte Address)
EB
DDRFR
Read DDR Fast (3-byte Address)
0D
DDRDIOR
DDR Dual I/O Read (3-byte Address)
BD
DDRQIOR
DDR Quad I/O Read (3-byte Address)
ED
PP
Page Program (3-byte Address)
02
QPP
Quad Page Program (3-byte Address)
32
P4E
Parameter 4-kB Erase (3-byte Address)
20
SE
Erase 64 / 256 kB (3-byte Address)
D8
Table 44. Bank Address Map
Bank Address Register Bits
Bank
Memory Array Address Range (Hex)
Bit 1
Bit 0
0
0
0
00000000
00FFFFFF
0
1
1
01000000
01FFFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com