Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA1112AEJZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADPA1112AEJZ
Description  1GHz to 22GHz, 15W, GaN Power Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1112AEJZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPA1112AEJZ Datasheet HTML 13Page - Analog Devices ADPA1112AEJZ Datasheet HTML 14Page - Analog Devices ADPA1112AEJZ Datasheet HTML 15Page - Analog Devices ADPA1112AEJZ Datasheet HTML 16Page - Analog Devices ADPA1112AEJZ Datasheet HTML 17Page - Analog Devices ADPA1112AEJZ Datasheet HTML 18Page - Analog Devices ADPA1112AEJZ Datasheet HTML 19Page - Analog Devices ADPA1112AEJZ Datasheet HTML 20Page - Analog Devices ADPA1112AEJZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
ADPA1112
OUTLINE DIMENSIONS
©2025 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 21 of 21
Package Drawing Option
Package Type
Package Description
EJ-14-1
LDCC
14-Lead Ceramic Leaded Chip Carrier Package
For the latest package outline information and land patterns (footprints), go to Package Index.
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADPA1112AEJZ
−40°C to +85°C
14-Lead Ceramic Leaded Chip Carrier [LDCC]
Tray, 1
EJ-14-1
ADPA1112AEJZ-50
−40°C to +85°C
14-Lead Ceramic Leaded Chip Carrier [LDCC]
Tray, 50
EJ-14-1
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com