Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5060 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5060
Description  Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5060 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5060 Datasheet HTML 1Page - Analog Devices ADRF5060 Datasheet HTML 2Page - Analog Devices ADRF5060 Datasheet HTML 3Page - Analog Devices ADRF5060 Datasheet HTML 4Page - Analog Devices ADRF5060 Datasheet HTML 5Page - Analog Devices ADRF5060 Datasheet HTML 6Page - Analog Devices ADRF5060 Datasheet HTML 7Page - Analog Devices ADRF5060 Datasheet HTML 8Page - Analog Devices ADRF5060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
ADRF5060
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 16
Table 1. Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT LINEARITY
0.1dB Power Compression
P0.1dB
f = 0.1GHz to 20GHz
External Path A or External Path B Selected
>33
dBm
Through Path
>33
dBm
Third-Order Intercept
IP3
Two-tone input power (PIN) = 15dBm continuous wave per tone,
f = 0.1GHz to 20GHz, Δf = 1MHz
External Path A or External Path B Selected
58
dBm
Through Path
57
dBm
SUPPLY CURRENT
Positive
IDD
160
μA
Negative
ISS
500
μA
DIGITAL CONTROL INPUTS
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.45
V
Current
Low
IINL
V1 and V2 pins
<1
μA
XC pin
<1
μA
High
IINH
V1 and V2 pins
<1
μA
XC pin
33
μA
RECOMMENDED OPERATING CONDITIONS
Positive Supply Voltage
VDD
3.15
3.45
V
Negative Supply Voltage
VSS
−3.45
−3.15
V
Digital Control Input Voltage
V1 and V2
0
VDD
V
RF Input Power
f = 0.1GHz to 20GHz, TCASE = 85°C, life time
External Path A or External Path B Selected
RF signal is applied to RFIN or selected external RF path
Average
30
dBm
Peak
33
dBm
Through Path
RF signal is applied to RFIN or RFOUT ports
Average
30
dBm
Peak
33
dBm
Terminated Path
RF signal is applied to unselected (off) external RF paths
Average
18
dBm
Hot Switching
For RFIN and OUT
RF signal is applied to RFIN or RFOUT while switching
30
dBm
For INA, INB, OUTA, and OUTB
RF signal is applied to external RF path while switching
18
dBm
TCASE
–40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com