Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6005 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6005 Datasheet HTML 1Page - Monolithic Power Systems MP6005 Datasheet HTML 2Page - Monolithic Power Systems MP6005 Datasheet HTML 3Page - Monolithic Power Systems MP6005 Datasheet HTML 4Page - Monolithic Power Systems MP6005 Datasheet HTML 5Page - Monolithic Power Systems MP6005 Datasheet HTML 6Page - Monolithic Power Systems MP6005 Datasheet HTML 7Page - Monolithic Power Systems MP6005 Datasheet HTML 8Page - Monolithic Power Systems MP6005 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
3
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
VCC
Internal circuit supply pin. The VCC pin is powered by the internal LDO regulator
(LDO) from the VIN pin. To bypass the internal regulator, connect a capacitor from the
VCC pin to GND. The VCC capacitor has a 1µF minimum for flyback application, and a
4.7µF minimum for forward application. The VCC pin can also be powered by an
external power source to reduce internal low-dropout loss.
2
SENSE
Current-sense PSR, output voltage (VOUT) compensation, and frequency dithering
setting pin. For function details, see the Output Voltage Compensation section and the
Frequency Dithering section on page 17.
3
EN
On/off control pin. The EN pin is internally connected to GND through a 2.5
MΩ resistor.
4
VIN
Input power supply pin. Connect a bypass capacitor from the VIN pin to GND.
5
MODE
PSR/SSR mode and dead time setting pin. For function details, see the Work Mode
Detection section on page 15.
6
COMP
Loop compensation pin. In PSR mode, the COMP pin is the error amplifier (EA) output.
In SSR mode, the COMP pin is pulled up to 5V through an internal 10kΩ resistor.
7
FB
Output voltage feedback and OVP monitoring pin. To regulate the output voltage in
PSR mode, connect the FB pin to a resistor divider from the SENSE pin. The internal EA
is disabled in SSR mode. The FB pin detects the OVP signal in both PSR and SSR
mode. If OVP is not used in SSR mode, connect the FB pin to GND.
8
GND
Ground. Power return for the controller.
9
SYNC
Synchronous MOSFET gate driver pin.
10
GATE
Main MOSFET gate driver pin.
ABSOLUTE MAXIMUM RATINGS (1)
VIN .............................................. -0.3V to +100V
VCC, VGATE, VSYNC.......................... -0.3V to +18V
VEN .......................................... -0.3V to +6.5V (2)
VFB .......................................... -0.5V to +5.5V (3)
All other pins ............................... -0.3V to +5.5V
EN sinking current .............................. 0.5mA (2)
FB sinking current ............................... ±2mA (3)
Continuous power dissipation (TA = +25°C) (4) (6)
MSOP10 .................................................. 1.62W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
Recommended Operating Conditions (5)
Supply voltage (VIN) ...........................8V to 80V
Maximum VCC, GATE, SYNC voltage ........ 16V
Maximum EN sink current ....................0.4mA (2)
Maximum FB sink current .....................±1mA (3)
Operating junction temp (TJ) ... -40 °C to +125°C
Thermal Resistance
θJA
θJC
MSOP10
EV6005-K-00A (6) ................ 77....... 17
… °C/W
JESD51-7 (7) ...................... 150...... 65
… °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) When VEN is pulled high, a current limited by the external pull-
up resistor flows into the EN pin. See the Enable (EN) Control
section on page 15 for the EN pin
’s voltage rating description.
3) FB is clamped by the internal circuit. The sink and source
currents should be limited. See the Setting the Output Voltage
section on page 20 for details.
4) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can cause excessive die temperature, and the
regulator may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
5) The device is not guaranteed to function outside of its
operating conditions.
6) Measured on EV6005-K-00A, 2-layer 90mmx35mm PCB.
7)
The value of θ
JA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7
and simulated on a specified JEDEC board. They do not
represent the performance obtained in actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com