Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

619-314 Datasheet(PDF) 2 Page - BlockMaster Electronics, Inc.

Part # 619-314
Description  Screwless Terminal Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

619-314 Datasheet(HTML) 2 Page - BlockMaster Electronics, Inc.

  619-314 Datasheet HTML 1Page - BlockMaster Electronics, Inc. 619-314 Datasheet HTML 2Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BlockMaster Electronics, Inc.
(800)595-8881 www.blockmaster.com
30
Screwless Terminal Blocks
619-3 Series
5mm
Ordering Information
Dimensions
n=number of poles
L=(n-1) x 5
10A 300V
Electrical
Current:
10A @ 300V
Wire range:
16 to 20 AWG
Wire section:
0.5 to 1.5mm2
IR:
>5M
Ω (500V DC)
Operating temp:
-40oC to +120oC
Stripping length:
9mm
PCB holes:
min 1.1mm
PCB thickness:
max 2.4mm
Materials
Housing/button:
Polyamide 6,6 (UL94V-0)
Contact Spring:
Stainless Steel
Terminal Pins:
Brass-nickel plated
Colors Available:
Gray (standard), for others
contact factory
Features:
*Standard 5mm spacing
*Available in several colors for coding positions to
wire colors
*Available with or without push button
*2 pins per pole for stability
*No exposed metal parts
Specifications:619-3 Series
NEW
End Cap



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com