Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGJ2D331MELA20 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGJ2D331MELA20
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGJ2D331MELA20 Datasheet(HTML) 2 Page - Nichicon corporation

  LGJ2D331MELA20 Datasheet HTML 1Page - Nichicon corporation LGJ2D331MELA20 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
LGJ
Dimensions
Rated ripple current (mArms) at 105°C 120Hz
56
68
82
100
120
150
180
220
550
620
700
760
860
900
1160
1210
0.44
0.49
0.54
0.60
0.65
0.73
0.80
0.88
LGJ2G560MELY20
LGJ2G680MELZ20
LGJ2G820MELA20
LGJ2G101MELA20
LGJ2G121MELB20
LGJ2G151MELB20
LGJ2G181MELC20
LGJ2G221MELC20
400V(2G)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
450V(2W)
47
56
68
82
100
120
150
520
600
670
740
830
870
1170
0.43
0.47
0.52
0.57
0.63
0.69
0.77
LGJ2W470MELY20
LGJ2W560MELZ20
LGJ2W680MELA20
LGJ2W820MELA20
LGJ2W101MELB20
LGJ2W121MELB20
LGJ2W151MELC20
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
150
180
220
270
330
390
470
20
× 20
22
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
660
750
920
1040
1080
1410
1470
0.58
0.63
0.70
0.77
0.86
0.93
1.02
LGJ2E151MELY20
LGJ2E181MELZ20
LGJ2E221MELA20
LGJ2E271MELB20
LGJ2E331MELB20
LGJ2E391MELC20
LGJ2E471MELC20
250V(2E)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
180
220
270
330
390
470
560
680
20
× 20
22
× 20
22
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
680
760
780
960
1080
1120
1440
1520
0.56
0.62
0.69
0.77
0.83
0.91
1.00
1.10
LGJ2D181MELY20
LGJ2D221MELZ20
LGJ2D271MELZ20
LGJ2D331MELA20
LGJ2D391MELB20
LGJ2D471MELB20
LGJ2D561MELC20
LGJ2D681MELC20
200V(2D)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com