Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGL2W331MELA45 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGL2W331MELA45
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGL2W331MELA45 Datasheet(HTML) 2 Page - Nichicon corporation

  LGL2W331MELA45 Datasheet HTML 1Page - Nichicon corporation LGL2W331MELA45 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
LGL
Rated ripple current (mArms) at 105°C 120Hz
Dimensions
Cap.
(µF)
150
220
270
330
390
470
560
680
820
1000
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 45
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 50
730
780
780
910
910
1070
1070
1040
1230
1230
1230
1180
1500
1500
1660
1660
1740
1740
1920
1920
2200
0.73
0.88
0.88
0.98
0.98
1.08
1.08
1.08
1.18
1.18
1.18
1.18
1.30
1.30
1.41
1.41
1.56
1.56
1.71
1.71
1.89
LGL2G151MELZ25
LGL2G221MELZ30
LGL2G221MELA25
LGL2G271MELZ35
LGL2G271MELA30
LGL2G331MELZ45
LGL2G331MELA35
LGL2G331MELB25
LGL2G391MELZ50
LGL2G391MELA40
LGL2G391MELB30
LGL2G391MELC25
LGL2G471MELA45
LGL2G471MELB35
LGL2G561MELB40
LGL2G561MELC30
LGL2G681MELB45
LGL2G681MELC35
LGL2G821MELB50
LGL2G821MELC40
LGL2G102MELC50
400V (2G)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
450V (2W)
120
150
180
220
270
330
390
470
560
680
820
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
35
× 25
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
690
740
740
770
770
850
850
820
930
930
930
1120
1120
1070
1280
1280
1280
1480
1480
1660
1660
1770
1930
0.69
0.77
0.77
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.15
1.15
1.15
1.25
1.25
1.25
1.37
1.37
1.50
1.50
1.65
1.82
LGL2W121MELZ25
LGL2W151MELZ30
LGL2W151MELA25
LGL2W181MELZ35
LGL2W181MELA30
LGL2W221MELZ40
LGL2W221MELA35
LGL2W221MELB25
LGL2W271MELZ45
LGL2W271MELA40
LGL2W271MELB30
LGL2W331MELA45
LGL2W331MELB35
LGL2W331MELC25
LGL2W391MELA50
LGL2W391MELB40
LGL2W391MELC30
LGL2W471MELB45
LGL2W471MELC35
LGL2W561MELB50
LGL2W561MELC40
LGL2W681MELC45
LGL2W821MELC50
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com