Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH03050WAS Datasheet(PDF) 6 Page - Texas Instruments

Part # PTH03050WAS
Description  6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH03050WAS Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH03050WAS Datasheet HTML 2Page - Texas Instruments PTH03050WAS Datasheet HTML 3Page - Texas Instruments PTH03050WAS Datasheet HTML 4Page - Texas Instruments PTH03050WAS Datasheet HTML 5Page - Texas Instruments PTH03050WAS Datasheet HTML 6Page - Texas Instruments PTH03050WAS Datasheet HTML 7Page - Texas Instruments PTH03050WAS Datasheet HTML 8Page - Texas Instruments PTH03050WAS Datasheet HTML 9Page - Texas Instruments PTH03050WAS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
Table 1-1: Input/Output Capacitors
e
p
y
T
,
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
)
e
l
y
t
S
(
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V)
F
µ
(
e
u
l
a
V
)
R
S
E
(
.
x
a
M
z
H
k
0
0
1
t
a
e
l
p
p
i
R
.
x
a
M
C
°
5
8
t
a
)
s
m
r
I
(
t
n
e
r
r
u
C
e
z
i
S
l
a
c
i
s
y
h
P
)
m
m
(
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
)
D
M
S
(
m
u
n
i
m
u
l
A
,
C
F
)
D
M
S
(
m
u
n
i
m
u
l
A
-
y
l
o
P
,
A
W
V
5
2
V
0
1
F
µ
0
0
1
F
µ
0
2
1
0
0
3
.
0
Ω
5
3
0
.
0
Ω
A
m
0
5
4
A
m
0
0
8
2
8
× 0
1
3
.
8
× 9
.
6
1
1
1
≤5
P
1
0
1
E
1
C
F
V
E
E
P
1
2
1
A
1
A
W
F
E
E
m
u
n
i
m
u
l
A
,
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
)
D
M
S
(
K
F
V
6
1
V
6
1
0
2
2F
µ
0
3
3F
µ
0
5
1
.
0
Ω
0
6
1
.
0
Ω
A
m
5
5
5
A
m
0
0
6
0
1
× 2
.
0
1
8
× 2
.
0
1
1
1
1
1
1
2
2
C
1
C
F
U
E
E
P
1
3
3
C
1
K
F
V
E
E
n
o
C
–
i
m
e
h
C
d
e
t
i
n
U
)
l
a
i
d
a
R
(
n
o
c
-
s
O
,
S
F
)
D
M
S
(
m
u
l
A
-
y
l
o
P
,
A
X
P
)
D
M
S
(
m
u
n
i
m
u
l
A
,
Z
V
M
)
l
a
i
d
a
R
(
.
m
u
l
A
-
y
l
o
P
,
S
P
V
0
1
V
0
1
V
6
1
V
0
1
F
µ
0
0
1
0
2
1F
µ
0
2
2F
µ
F
µ
0
0
1
0
4
0
.
0
Ω
7
2
0
.
0
Ω
0
7
1
.
0
Ω
4
2
0
.
0
Ω
A
m
0
0
1
2
A
m
0
3
4
2
A
m
0
5
4
A
m
0
2
4
4
3
.
6
× 8
.
9
8
× 7
.
6
8
× 0
1
8
× 5
.
1
1
1
1
1
1
≤5
≤4
1
≤4
M
0
0
1
S
F
0
1
P
T
0
8
H
M
1
2
1
C
V
0
1
A
X
P
P
T
0
1
H
M
1
2
2
C
V
5
2
Z
V
M
1
1
H
M
0
7
2
S
P
0
1
m
u
n
i
m
u
l
A
,
n
o
c
i
h
c
i
N
)
D
M
S
(
m
u
n
i
m
u
l
A
,
G
W
)
l
a
i
d
a
R
(
,
M
P
)
D
M
S
(
m
u
l
a
t
n
a
T
,
5
5
F
V
5
3
V
5
2
V
0
1
0
0
1F
µ
F
µ
0
5
1
0
0
1F
µ
0
5
1
.
0
Ω
0
6
1
.
0
Ω
5
5
0
.
0
Ω
A
m
0
7
6
A
m
0
6
4
A
m
0
0
0
2
0
1
× 0
1
0
1
× 5
.
1
1
7
.
7
× 3
.
4
1
1
1
1
1
1
S
G
1
R
N
M
1
0
1
V
1
G
W
U
H
P
M
1
5
1
E
1
M
P
U
N
M
7
0
1
A
1
5
5
F
o
y
n
a
S
)
D
M
S
(
n
o
c
-
s
O
,
P
V
S
)
l
a
i
d
a
R
(
n
o
c
-
s
O
,
P
S
)
D
M
S
(
r
e
m
y
l
o
P
p
a
c
s
o
P
E
P
T
V
0
1
V
6
1
V
0
1
0
2
1F
µ
F
µ
0
0
1
µ
0
2
2F
0
4
0
.
0
Ω
5
2
0
.
0
Ω
5
2
0
.
0
Ω
A
m
0
0
5
2
>
A
m
0
0
8
2
>
A
m
0
0
4
2
>
7
×8
3
.
6
× 8
.
9
3
.
7
× 7
.
5
1
1
1
≤5
≤4
≤4
M
0
2
1
P
V
S
0
1
M
0
0
1
S
P
S
6
1
L
M
0
2
2
E
P
T
0
1
,
X
V
Am
u
l
a
t
n
a
T
S
P
T)
D
M
S
(V
0
1
V
0
1
F
µ
0
0
1
F
µ
0
2
2
0
1
.
00
Ω
0
0
1
.
0
Ω
A
m
0
9
0
1
>
A
m
4
1
4
1
>
L
3
.
7
× W
3
.
4
× H
1
.
4
1
1
≤5
≤5
0
0
1
0
R
0
1
0
M
7
0
1
D
S
P
T
0
0
1
0
R
0
1
0
M
7
2
2
V
S
P
T
t
e
m
e
K
)
D
M
S
(
m
u
l
A
-
y
l
o
P
,
0
2
5
T
)
D
M
S
(
m
u
l
a
t
n
a
T
,
5
9
4
T
)
D
M
S
(
.
m
u
l
A
-
y
l
o
P
-
0
0
7
A
V
0
1
V
0
1
V
3
.
6
F
µ
0
0
1
F
µ
0
0
1
0
0
1F
µ
0
8
0
.
0
Ω
0
0
1
.
0
Ω
8
1
0
.
0
Ω
A
m
0
0
2
1
A
m
0
0
1
1
>
A
m
0
0
9
2
L
3
.
7
× W
7
.
5
× H
0
.
4
1
1
1
1
1
≤3
S
A
0
1
0
M
7
0
1
D
0
2
5
T
S
A
0
1
0
M
7
0
1
X
5
9
4
T
T
A
6
0
0
M
7
0
1
D
0
0
7
A
e
u
g
a
r
p
S
-
y
a
h
s
i
V
)
D
M
S
(
m
u
l
a
t
n
a
T
,
D
4
9
5
,
D
5
9
5m
u
l
a
t
n
a
T)
D
M
S
(
)
l
a
i
d
a
R
(
n
o
c
-
s
O
,
A
S
4
9
V
0
1
V
0
1
V
0
1
F
µ
0
5
1
F
µ
0
2
1
F
µ
0
0
1
0
9
0
.
0
Ω
0
4
1
.
0
Ω
Ω
0
3
0
.
0
A
m
0
0
1
1
A
m
0
0
0
1
>
A
m
0
7
6
2
L
3
.
7
× W
0
.
6
× H
1
.
4
8
× 5
.
0
1
1
1
1
1
1
≤4
T
2
C
0
1
0
0
X
7
5
1
D
4
9
5
T
2
D
0
1
0
0
X
7
2
1
D
5
9
5
P
B
E
0
1
0
0
X
7
0
1
A
S
4
9
)
D
M
S
(
R
5
X
c
i
m
a
r
e
C
,
t
e
m
e
KV
6
1
V
3
.
6
0
1
7
4
2
0
0
.
0
Ω
2
0
0
.
0
Ω
—e
s
a
c
0
1
2
1
m
m
5
2
2
3
1
2 ]
1
[
≤5
≤5
C
A
P
4
M
6
0
1
C
0
1
2
1
C
C
A
P
9
K
6
7
4
C
0
1
2
1
C
c
i
m
a
r
e
C
,
a
t
a
r
u
MR
5
X)
D
M
S
(V
3
.
6
V
3
.
6
V
6
1
V
6
1
0
0
1
7
4
2
2
0
1
2
0
0
.
0
Ω
—e
s
a
c
0
1
2
1
m
m
5
2
2
3
1
2 ]
1
[
5
1 ]
2
[
3
≤
≤5
≤5
≤5
M
7
0
1
J
0
6
R
E
2
3
M
R
G
M
6
7
4
J
0
6
R
E
2
3
M
R
G
K
6
2
2
C
1
6
R
E
2
3
M
R
G
K
6
0
1
C
1
6
R
D
2
3
M
R
G
c
i
m
a
r
e
C
,
K
D
TR
5
X)
D
M
S
(V
3
.
6
V
3
.
6
V
6
1
V
6
1
0
0
1
7
4
2
2
0
1
2
0
0
.
0
Ω
—e
s
a
c
0
1
2
1
m
m
5
2
2
3
1
2 ]
1
[
5
1 ]
2
[
3
≤
≤5
≤5
≤5
T
M
7
0
1
J
0
R
5
X
5
2
2
3
C
T
M
6
7
4
J
0
R
5
X
5
2
2
3
C
T
M
6
2
2
C
1
R
5
X
5
2
2
3
C
T
M
6
0
1
C
1
R
5
X
5
2
2
3
C
[1]
Total capacitance of 94 µF is acceptable based on the combined ripple current rating.
[2]
Small ceramic capacitors may be used to complement electrolytic types at the input to reduce high-frequency ripple current.
PTH03050W & PTH05050W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com