Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05060WAS.B Datasheet(PDF) 15 Page - Texas Instruments

Part # PTH05060WAS.B
Description  10-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH05060WAS.B Datasheet(HTML) 15 Page - Texas Instruments

Back Button PTH05060WAS.B Datasheet HTML 11Page - Texas Instruments PTH05060WAS.B Datasheet HTML 12Page - Texas Instruments PTH05060WAS.B Datasheet HTML 13Page - Texas Instruments PTH05060WAS.B Datasheet HTML 14Page - Texas Instruments PTH05060WAS.B Datasheet HTML 15Page - Texas Instruments PTH05060WAS.B Datasheet HTML 16Page - Texas Instruments PTH05060WAS.B Datasheet HTML 17Page - Texas Instruments PTH05060WAS.B Datasheet HTML 18Page - Texas Instruments PTH05060WAS.B Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Jun-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
PTH05060WAD
Active
Production
Through-Hole
Module (EUW) | 10
36 | TIW TRAY
Exempt
SN
N/A for Pkg Type
-40 to 85
PTH05060WAD.B
Active
Production
Through-Hole
Module (EUW) | 10
36 | TIW TRAY
Exempt
SN
N/A for Pkg Type
-40 to 85
PTH05060WAH
Active
Production
Through-Hole
Module (EUW) | 10
36 | TIW TRAY
Exempt
SN
N/A for Pkg Type
-40 to 85
PTH05060WAH.B
Active
Production
Through-Hole
Module (EUW) | 10
36 | TIW TRAY
Exempt
SN
N/A for Pkg Type
-40 to 85
PTH05060WAS
Active
Production
Surface Mount
Module (EUY) | 10
36 | TIW TRAY
No
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH05060WAS.B
Active
Production
Surface Mount
Module (EUY) | 10
36 | TIW TRAY
No
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH05060WAST
Active
Production
Surface Mount
Module (EUY) | 10
250 | SMALL T&R
No
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH05060WAST.B
Active
Production
Surface Mount
Module (EUY) | 10
250 | SMALL T&R
No
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH05060WAZ
Active
Production
Surface Mount
Module (EUY) | 10
36 | TIW TRAY
Exempt
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH05060WAZ.B
Active
Production
Surface Mount
Module (EUY) | 10
36 | TIW TRAY
Exempt
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH05060WAZT
Active
Production
Surface Mount
Module (EUY) | 10
250 | SMALL T&R
Exempt
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH05060WAZT.B
Active
Production
Surface Mount
Module (EUY) | 10
250 | SMALL T&R
Exempt
SNAGCU
Level-3-260C-168 HR
-40 to 85
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com