Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV08040WAD Datasheet(PDF) 8 Page - Texas Instruments

Part # PTV08040WAD
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTV08040WAD Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTV08040WAD Datasheet HTML 4Page - Texas Instruments PTV08040WAD Datasheet HTML 5Page - Texas Instruments PTV08040WAD Datasheet HTML 6Page - Texas Instruments PTV08040WAD Datasheet HTML 7Page - Texas Instruments PTV08040WAD Datasheet HTML 8Page - Texas Instruments PTV08040WAD Datasheet HTML 9Page - Texas Instruments PTV08040WAD Datasheet HTML 10Page - Texas Instruments PTV08040WAD Datasheet HTML 11Page - Texas Instruments PTV08040WAD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
Tantalum Capacitors
Capacitor Table
Designing for Fast Load Transients
PTV08040W
SLTS257B – SEPTEMBER 2005 – REVISED JANUARY 2008
Tantalum type capacitors are only used on the output bus, and are recommended for applications where the
ambient operating temperature is less than 0
°C. The AVX TPS, Sprague 593D/594/595, and Kemet T495/T510
capacitor series are suggested over many other tantalum types due to their higher rated surge, power
dissipation, and ripple current capability. As a caution, many general-purpose tantalum capacitors have higher
ESR, reduced power dissipation, and lower ripple current capability. These capacitors are also less reliable due
to their reduced power dissipation and surge current ratings. Tantalum capacitors that have no stated ESR or
surge current rating are not recommended for power applications.
When specifying Os-con and polymer-tantalum capacitors for the output, the minimum ESR limit is encountered
before the maximum capacitance value is reached.
Table 1 identifies the characteristics of capacitors from a number of vendors with acceptable ESR and ripple
current (rms) ratings. The recommended number of capacitors required at both the input and output buses is
identified for each capacitor type.
This is not an extensive capacitor list. Capacitors from other vendors are available with comparable
specifications. Those listed are for guidance. The RMS ripple current rating and ESR (at 100 kHz) are critical
parameters necessary to ensure both optimum regulator performance and long capacitor life.
The transient response of the dc/dc converter has been characterized using a load transient with a di/dt of
1 A/µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the
minimum required value of output capacitance. As the di/dt of a transient is increased, the response of a
converter’s regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent
limitation with any dc/dc converter once the speed of the transient exceeds its bandwidth capability. If the target
application specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional
output capacitor decoupling. In these cases special attention must be paid to the type, value and ESR of the
capacitors selected.
8
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PTV08040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com