Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV12020LAH Datasheet(PDF) 8 Page - Texas Instruments

Part # PTV12020LAH
Description  16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTV12020LAH Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTV12020LAH Datasheet HTML 4Page - Texas Instruments PTV12020LAH Datasheet HTML 5Page - Texas Instruments PTV12020LAH Datasheet HTML 6Page - Texas Instruments PTV12020LAH Datasheet HTML 7Page - Texas Instruments PTV12020LAH Datasheet HTML 8Page - Texas Instruments PTV12020LAH Datasheet HTML 9Page - Texas Instruments PTV12020LAH Datasheet HTML 10Page - Texas Instruments PTV12020LAH Datasheet HTML 11Page - Texas Instruments PTV12020LAH Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
PTV12020
10, 11
7
3, 4
GND
GN D
1, 2
GND
VO Sense
VO
VO Adj
VO Sense
VO
CO
330 mF
(Optional)
8
RSET
1%, 0.05W
PTV12020W/L
SLTS231C – NOVEMBER 2004 – REVISED FEBRUARY 2007
www.ti.com
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
The VO Adjust control (pin 8) sets the output voltage of the PTV12020 product. The adjustment range is from
1.2 V to 5.5 V for the W-suffix modules and 0.8 V to 1.8 V for L-suffix modules. The adjustment method requires
the addition of a single external resistor, RSET, that must be connected directly between the VOAdjust and GND
(pin 1 or 2). Table 1 gives the standard value of the external resistor for a number of standard voltages, along
with the actual output voltage that this resistance value provides. For other output voltages, the value of the
required resistor can either be calculated using Equation 1 or simply selected from the range of values given in
Table 3.Figure 11 shows the placement of the required resistor.
Table 1. Standard Values of RSET for Common Output Voltages
PTV12020W
PTV12020L
VO (V)
RSET (kΩ)
VO (V)
RSET (kΩ)
VO (V)
(Required)
(Standard Value)
(Actual)
(Standard Value)
(Actual)
5
0.280
5.009
N/A
N/A
3.3
2.0
3.294
N/A
N/A
2.5
4.32
2.503
N/A
N/A
2
8.06
2.010
N/A
N/A
1.8
11.5
1.801
0.130
1.800
1.5
24.3
1.506
3.57
1.499
1.2
Open
1.200
12.1
1.201
1.1
N/A
N/A
18.7
1.101
1.0
N/A
N/A
32.4
0.999
0.9
N/A
N/A
71.5
0.901
0.8
N/A
N/A
Open
0.800
(1)
A 0.05-W rated resistor may be used. The tolerance should be 1%, with temperature stability of 100 ppm/°C (or
better). Place the resistor as close to the regulator as possible. Connect the resistor directly between pin 8 and pins 1
or 2, using dedicated PCB traces.
(2)
Never connect capacitors from VOAdjust to either GND or VO. Any capacitance added to the VOAdjust pin affects the
stability of the regulator.
Figure 11. VOAdjust Resistor Placement
8
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links :PTV12020W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com