Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBC Datasheet(PDF) 2 Page - Nichicon corporation

Part # UBC
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBC Datasheet(HTML) 2 Page - Nichicon corporation

  UBC Datasheet HTML 1Page - Nichicon corporation UBC Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UBC
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(150℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
16
(1C)
100
8×10
0.20
48
110
 UBC1C101MNS1GS
220
10×10
0.20
105.6
150
 UBC1C221MNS1GS
470
12.5×13.5
0.18
225.6
750
 UBC1C471MNS1MS
680
12.5×13.5
0.18
326.4
800
 UBC1C681MNS1MS
1000
16×16.5
0.18
480
850
 UBC1C102MNS1MS
2200
18×21.5
0.20
1056
1350
 UBC1C222MNS1MS
25
(1E)
100
8×10
0.16
75
110
 UBC1E101MNS1GS
220
10×10
0.16
165
150
 UBC1E221MNS1GS
330
12.5×13.5
0.16
247.5
650
 UBC1E331MNS1MS
470
12.5×13.5
0.16
352.5
700
 UBC1E471MNS1MS
680
16×16.5
0.16
510
800
 UBC1E681MNS1MS
1000
16×21.5
0.16
750
1000
 UBC1E102MNS1MS
35
(1V)
47
8×10
0.14
49.35
80
 UBC1V470MNS1GS
100
10×10
0.14
105
120
 UBC1V101MNS1GS
220
12.5×13.5
0.14
231
550
 UBC1V221MNS1MS
330
12.5×13.5
0.14
346.5
650
 UBC1V331MNS1MS
470
16×16.5
0.14
493.5
750
 UBC1V471MNS1MS
680
16×21.5
0.14
714
950
 UBC1V681MNS1MS
1000
18×21.5
0.14
1050
1150
 UBC1V102MNS1MS
50
(1H)
33
8×10
0.14
49.5
70
 UBC1H330MNS1GS
47
10×10
0.14
70.5
100
 UBC1H470MNS1GS
100
12.5×13.5
0.12
150
420
 UBC1H101MNS1MS
220
16×16.5
0.12
330
550
 UBC1H221MNS1MS
330
16×21.5
0.12
495
650
 UBC1H331MNS1MS
470
16×21.5
0.12
705
850
 UBC1H471MNS1MS
680
18×21.5
0.12
1020
1100
 UBC1H681MNS1MS
■
Dimensions
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com