Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ08 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74LVQ08
Description  QUAD 2-INPUT AND GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ08 Datasheet(HTML) 3 Page - STMicroelectronics

  74LVQ08 Datasheet HTML 1Page - STMicroelectronics 74LVQ08 Datasheet HTML 2Page - STMicroelectronics 74LVQ08 Datasheet HTML 3Page - STMicroelectronics 74LVQ08 Datasheet HTML 4Page - STMicroelectronics 74LVQ08 Datasheet HTML 5Page - STMicroelectronics 74LVQ08 Datasheet HTML 6Page - STMicroelectronics 74LVQ08 Datasheet HTML 7Page - STMicroelectronics 74LVQ08 Datasheet HTML 8Page - STMicroelectronics 74LVQ08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74LVQ08
3/11
Table 6: DC Specifications
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 75
Ω
Table 7: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
3.0 to
3.6
2.0
2.0
2.0
V
VIL
Low Level Input
Voltage
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
3.0
IO=-50 µA
2.9
2.99
2.9
2.9
V
IO=-12 mA
2.58
2.48
2.48
IO=-24 mA
2.2
2.2
VOL
Low Level Output
Voltage
3.0
IO=50 µA
0.002
0.1
0.1
0.1
V
IO=12 mA
0
0.36
0.44
0.44
IO=24 mA
0.55
0.55
II
Input Leakage
Current
3.6
VI = VCC or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
3.6
VI = VCC or GND
220
20
µA
IOLD
Dynamic Output
Current (note 1, 2)
3.6
VOLD = 0.8 V max
36
25
mA
IOHD
VOHD = 2 V min
-25
-25
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
3.3
CL = 50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic High
Voltage Input
(note 1, 3)
3.3
2
V
VILD
Dynamic Low
Voltage Input
(note 1, 3)
3.3
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com