Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFP3WSCRC Datasheet(PDF) 3 Page - YAGEO Corporation

Part # MFP3WSCRC
Description  Through Hole Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFP3WSCRC Datasheet(HTML) 3 Page - YAGEO Corporation

  MFP3WSCRC Datasheet HTML 1Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 2Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 3Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 4Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 5Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 6Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 7Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 8Page - YAGEO Corporation MFP3WSCRC Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.yageo.com
Jul. 14, 2022 V.0
Metal Film Resistors
3
13
Product Specification
MFP
Through Hole Resistors
DIMENSIONS
For ±0.1% tolerance
Unit: mm
Normal
Miniature
L
ψD
H
ψd
MFP-12
MFP25S
3.4 ± 0.3
1.9 ± 0.2
28 ± 2.0
0.56 ± 0.05
MFP204
-
3.4 ± 0.3
1.9 ± 0.2
28 ± 2.0
0.56 ± 0.05
MFP-25
MFP50S
6.3 ± 0.5
2.4 ± 0.2
28 ± 2.0
0.65 ± 0.05
MFP207
-
6.3 ± 0.5
2.4 ± 0.2
28 ± 2.0
0.65 ± 0.05
MFP-50
MFP1WS
9.0 ± 0.5
3.3 ± 0.3
26 ± 2.0
0.65 ± 0.05
MFP100
MFP2WS
11.5 ± 1.0
4.5 ± 0.5
35 ± 2.0
0.8 ± 0.05
MFP200
MFP3WS
15.5 ± 1.0
5.0 ± 0.5
33 ± 2.0
0.8 ± 0.05
For ±0.25%,±0.02%,±0.05% tolerances
Unit: mm
Normal
Miniature
L
ψD
H
ψd
MFP-12
MFP25S
3.4 ± 0.3
1.9 ± 0.2
28 ± 2.0
0.45 ± 0.05
MFP204
-
3.4 ± 0.3
1.9 ± 0.2
28 ± 2.0
0.45 ± 0.05
MFP-25
MFP50S
6.3 ± 0.5
2.4 ± 0.2
28 ± 2.0
0.55 ± 0.05
MFP207
-
6.3 ± 0.5
2.4 ± 0.2
28 ± 2.0
0.55 ± 0.05
MFP-50
MFP1WS
9.0 ± 0.5
3.3 ± 0.3
26 ± 2.0
0.55 ± 0.05
MFP100
MFP2WS
11.5 ± 1.0
4.5 ± 0.5
35 ± 2.0
0.8 ± 0.05
MFP200
MFP3WS
15.5 ± 1.0
5.0 ± 0.5
33 ± 2.0
0.8 ± 0.05
DERATING CURVE
Rated Power (%)
100
80
60
40
20
20
40
70
100
155
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com