Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFP200ABC Datasheet(PDF) 10 Page - YAGEO Corporation

Part # MFP200ABC
Description  Through Hole Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFP200ABC Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button MFP200ABC Datasheet HTML 5Page - YAGEO Corporation MFP200ABC Datasheet HTML 6Page - YAGEO Corporation MFP200ABC Datasheet HTML 7Page - YAGEO Corporation MFP200ABC Datasheet HTML 8Page - YAGEO Corporation MFP200ABC Datasheet HTML 9Page - YAGEO Corporation MFP200ABC Datasheet HTML 10Page - YAGEO Corporation MFP200ABC Datasheet HTML 11Page - YAGEO Corporation MFP200ABC Datasheet HTML 12Page - YAGEO Corporation MFP200ABC Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.yageo.com
Jul. 14, 2022 V.0
Metal Film Resistors
10
13
Product Specification
MFP
Through Hole Resistors
FT TYPE (Taping Pack)
For ±0.25% tolerance only
MT TYPE (Taping Pack)
For ±0.25% tolerance only
Rated Watts : 1/6W,1/4WS,0.4W
TYPE
DIMENSIONS
Unit: mm
Normal
Miniature
H1
Max.
H2
Max.
H3
Max.
MFP-25
MFP50S
10
18.5
8.5
MFP207
-
10
18.5
8.5
PN TYPE (Taping Pack)
AV TYPE (Taping Pack)
For ±0.25% tolerance only
For ±0.25% tolerance only
TYPE
DIMENSIONS
Unit: mm
Normal
Miniature
H1
Max.
H2
Max.
H3
Max.
MFP-25
MFP50S
13
21.5
8.5
MFP207
-
13
21.5
8.5
TYPE
DIMENSIONS
Unit: mm
Normal
Miniature
H1
Max.
H2
Max.
H3
Max.
MFP-25
MFP50S
11.5
20
8.5
MFP207
-
11.5
20
8.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com