Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3095 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 3095
Description  ISA 16 Reed Relay Output Digital Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

3095 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  3095 Datasheet HTML 1Page - Sealevel Systems, Inc. 3095 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISA 16 Reed Relay Output Digital Interface
The 3095 ISA digital I/O interface provides 16 reed relay outputs provide high quality, long life, low current (10 Watt maximum), dry
contact switch closures. Reed relays are well suited for low current applications. The relays are normally open, and close when
energized. Writing a 1 to the proper port bit can individually energize each relay.
Sealevel’s SeaIO Classic software drivers and utilities make installation and operation easy using Microsoft Windows operating
systems.
Get a jump start on your digital I/O development with The Digital I/O Handbook that will provide helpful information that you will use
again and again. Check out Chapter 1 for an overview of logic principles.
Note: This item has a minimum order quantity (MOQ) of 25 units. Please contact your sales representative with any questions.
Part: 3095 | Model: REL-16
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 3095

ManufacturerPart #DatasheetDescription
logo
Heyco.
3095 HEYCO-3095 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3095 ABBATRON-3095 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Tyco Electronics
30953 MACOM-30953 Datasheet
662Kb / 60P
SOLISTRAND, Budget and DIAMOND GRIP
logo
Belden Inc.
3095A BELDEN-3095A Datasheet
259Kb / 3P
ControlBus?? Coax RG11, #14 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP
More results

Similar Description - 3095

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
D1A120000 COSMO-D1A120000 Datasheet
148Kb / 1P
REED RELAY
D2A120000 COSMO-D2A120000 Datasheet
148Kb / 1P
REED RELAY
DIC121000 COSMO-DIC121000 Datasheet
144Kb / 1P
REED RELAY
D1B050000 COSMO-D1B050000 Datasheet
148Kb / 1P
REED RELAY
D1B240000 COSMO-D1B240000 Datasheet
149Kb / 1P
REED RELAY
D2A121000 COSMO-D2A121000 Datasheet
148Kb / 1P
REED RELAY
S1A050099 COSMO-S1A050099 Datasheet
140Kb / 1P
Reed Relay
logo
Advantech Co., Ltd.
PCL-735 ADVANTECH-PCL-735 Datasheet
565Kb / 1P
12-ch Relay ISA Card with 16-ch Digital I/O
logo
Texas Instruments
TMP34094 TI1-TMP34094 Datasheet
322Kb / 38P
ISA BUS INTERFACE
TMS34094 TI1-TMS34094 Datasheet
322Kb / 38P
ISA BUS INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com