Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3000 Datasheet(PDF) 1 Page - 3M Electronics

Part # D3000
Description  .100” × .100” Latch/Ejector, Straight and Right Angle
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D3000 Datasheet(HTML) 1 Page - 3M Electronics

  D3000 Datasheet HTML 1Page - 3M Electronics D3000 Datasheet HTML 2Page - 3M Electronics D3000 Datasheet HTML 3Page - 3M Electronics D3000 Datasheet HTML 4Page - 3M Electronics D3000 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Four-Wall Header
.100” × .100” Latch/Ejector, Straight and Right Angle
D3000 Series
• Military (with 3M’s 3518 & N3518 polarizing key)
and centerbump polarization
• Optional ejector latches
• Mounting holes for securing header to board
• Optional polarizing posts available
• High temperature insulator suitable for “no lead”
soldering operations
• High temperature insulator in through-hole version
suitable for “paste in hole” reflow soldering
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the “RoHS compliance” section of
www.3Mconnectors.com for compliance information
(RIA E1 and C1 apply)
Date Modified: May 21, 2012
TS-2245-F
Sheet 1 of 4
Physical
Insulator:
Material: High Temp Glass Filled Polyester (PCT)
Flammability: UL 94V-0
Color: Black (PCT)
Contact:
Material: Brass
Plating:
Underplating: 50 -150 μ” [ 1.25 μm ] Ni
Wiping Area: 15 μ” [0.381 μm] Gold
Solder Tails: 40 - 120 μ” [ 1-3 μm ] Matte Tin
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating: 5.00 A, 1 Contact Powered
3.00 A, 6 Contacts Powered
1.75 A, All Contacts Powered
Rating Conditions: EIA-364-070 Method 2, 30°C maximum temperature rise, 20%
derated. Reference appropriate 3M Product Specification for detailed current
derating curves.
Insulation Resistance: >1 × 109 Ω at 500 V
DC
Withstanding Voltage: 1,000 VRMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Rating: 260°C, profile per J-STD-020C, single pass
Moisture Sensitivity Level: 1 (per J-STD-020C)
UL File No.: E68080


Similar Part No. - D3000

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
D3000BDLA KEYSIGHT-D3000BDLA Datasheet
565Kb / 5P
Ultimate Bundle Software Package for InfiniiVision X-Series oscilloscopes
April 29, 2019
logo
Nell Semiconductor Co.,...
D3000D NELLSEMI-D3000D Datasheet
228Kb / 5P
High voltage ratings up to 2500V
D3000D NELLSEMI-D3000D Datasheet
658Kb / 5P
Standard Recovery Diodes
D3000D NELLSEMI-D3000D_17 Datasheet
658Kb / 5P
Standard Recovery Diodes
D3000F NELLSEMI-D3000F Datasheet
298Kb / 1P
Fast Recovery Diode
More results

Similar Description - D3000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3428-1303 3M-3428-1303 Datasheet
1Mb / 6P
3M™ Three-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
3433-5005 3M-3433-5005 Datasheet
1Mb / 5P
Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
D3408-6002-AR 3M-D3408-6002-AR Datasheet
1Mb / 5P
Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
D3793-6202-AR 3M-D3793-6202-AR Datasheet
1Mb / 5P
100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3408-6002RB 3M-N3408-6002RB Datasheet
1Mb / 5P
.100 × .100 Latch/Ejector, Straight and Right Angle
260
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
N3793-6002RB 3M-N3793-6002RB Datasheet
1Mb / 5P
100 x 100 Latch/Ejector, Straight and Right Angle
260
N3793-2203RB 3M-N3793-2203RB Datasheet
1Mb / 6P
.100 × .100 Latch/Ejector, Straight and Right Angle
21-May-2012
3000 3M-3000_V01 Datasheet
1Mb / 5P
100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com